Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA1797Q Arkusz danych(PDF) 1 Page - Sony Corporation

Numer części CXA1797Q
Szczegółowy opis  Dolby B-C Type Noise Reduction System with Recording Equalizer Amplifier
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1797Q Arkusz danych(HTML) 1 Page - Sony Corporation

  CXA1797Q Datasheet HTML 1Page - Sony Corporation CXA1797Q Datasheet HTML 2Page - Sony Corporation CXA1797Q Datasheet HTML 3Page - Sony Corporation CXA1797Q Datasheet HTML 4Page - Sony Corporation CXA1797Q Datasheet HTML 5Page - Sony Corporation CXA1797Q Datasheet HTML 6Page - Sony Corporation CXA1797Q Datasheet HTML 7Page - Sony Corporation CXA1797Q Datasheet HTML 8Page - Sony Corporation CXA1797Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
—1—
E94X42-TE
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
Absolute Maximum Ratings (Ta=25°C)
• Supply voltage
VCC
+12
V
(between VCC and VEE)
• Operating temperature Topr
–20 to +75
°C
• Storage temperature
Tstg
–65 to +150
°C
• Allowable power dissipation
PD
1.02
W
Recommended Operating Conditions
Supply voltage
VCC
±5.25 to ±6.0
V
Structure
Bipolar silicon monolithic IC
Description
The CXA1797Q is an audio signal processing LSI
designed for use in cassette decks.
Functions include Dolby B-C noise reduction,
recording equalizer amplifier, meter circuit
(logarithmic), bias control circuit, and playback
switching circuit. Serial control of these functions is
possible.
Features
• Few external parts
• Serial control of each functions possible
• Dolby B-C noise reduction
• Dolby S noise reduction select switch
• Recording equalizer amplifier
• Recording volume control
• Playback input select switch
• Meter circuit (logarithmic wave detection)
• Bias control circuit (left and right independent)
Applications
Cassette decks
Dolby B-C Type Noise Reduction System with Recording Equalizer Amplifier
64 pin QFP (Plastic)
CXA1797Q
∗This IC is available only to the licensees of Dolby Laboratories Licensing Corporation from whom licensing and applications
information may be obtained.
∗"Dolby" and the double D symbols are trade marks of Dolby Laboratories Licensing Corporation.


Podobny numer części - CXA1797Q

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA1791 SONY-CXA1791 Datasheet
245Kb / 12P
   RF AMPLIFIER FOR CD PLAYERS
CXA1791M SONY-CXA1791M Datasheet
245Kb / 12P
   RF AMPLIFIER FOR CD PLAYERS
CXA1791N SONY-CXA1791N Datasheet
245Kb / 12P
   RF AMPLIFIER FOR CD PLAYERS
CXA1792 SONY-CXA1792 Datasheet
281Kb / 15P
   2-CHANNEL, 5-ELEMENT GRAPHIC EQUALIZER IC
CXA1792S SONY-CXA1792S Datasheet
281Kb / 15P
   2-CHANNEL, 5-ELEMENT GRAPHIC EQUALIZER IC
More results

Podobny opis - CXA1797Q

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA1878Q SONY-CXA1878Q Datasheet
1Mb / 36P
   Dolby B-C Type Noise Reduction System with Recording/Playback Equalizer Amplifier
CXA1897Q SONY-CXA1897Q Datasheet
396Kb / 22P
   Dolby B Type Noise Reduction System with Recording/Playback Equalizer
CXA2561Q SONY-CXA2561Q Datasheet
324Kb / 20P
   Dolby B-C Type Noise Reduction System with Playback Equalizer Amplifier
CXA2511AQ SONY-CXA2511AQ Datasheet
565Kb / 21P
   Dolby B-C Type Noise Reduction System with Playback Equalizer Amplifier
CXA2510AQ SONY-CXA2510AQ Datasheet
447Kb / 21P
   Dolby B Type Noise Reduction System with Playback Equalizer Amplifier
CXA1911Q SONY-CXA1911Q Datasheet
334Kb / 18P
   Dolby B/C Type Noise Reduction System with Playback Equalizer
CXA2560Q SONY-CXA2560Q Datasheet
310Kb / 19P
   Dolby B Type Noise Reduction System with Playback Equalizer Amplifier
CXA1580Q SONY-CXA1580Q Datasheet
351Kb / 17P
   Dolby B Type Noise Reduction System with Playback Equalizer
CXA1980Q SONY-CXA1980Q Datasheet
233Kb / 17P
   Dolby B Type Noise Reduction System with Playback Equalizer
CXA1910Q SONY-CXA1910Q Datasheet
387Kb / 18P
   Dolby B Type Noise Reduction System with Playback Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com