Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA1812 Arkusz danych(PDF) 1 Page - Sony Corporation

Numer części CXA1812
Szczegółowy opis  S-terminal Compatible Video I/O
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1812 Arkusz danych(HTML) 1 Page - Sony Corporation

  CXA1812 Datasheet HTML 1Page - Sony Corporation CXA1812 Datasheet HTML 2Page - Sony Corporation CXA1812 Datasheet HTML 3Page - Sony Corporation CXA1812 Datasheet HTML 4Page - Sony Corporation CXA1812 Datasheet HTML 5Page - Sony Corporation CXA1812 Datasheet HTML 6Page - Sony Corporation CXA1812 Datasheet HTML 7Page - Sony Corporation CXA1812 Datasheet HTML 8Page - Sony Corporation CXA1812 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
—1—
E93701A79-TE
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
Absolute Maximum Ratings (Ta=25 °C)
• Supply voltage
VCC
7V
• Operating temperature
Topr
–20 to +75
°C
• Storage temperature
Tstg
–65 to +150
°C
• Allowable power dissipation
PD
450
mW
Operating Conditions
• Supply voltage
VCC
4.75
V
• Supply voltage range
VCC
4.5 to 5.25
V
Description
The CXA1812Q is an IC developed for processing
video I/O signals in VCRs. This IC has a built-in
video output circuit designed especially for use with
viewfinders (VF), making this IC optimal for use in
camcorders. In addition, both the video input
system and the viewfinder video output system
provide title insertion functions, making it possible to
insert characters and graphics into video signals.
Features
• Built-in video output circuit for use with viewfinders
(title insertion function (white or black character),
compatible with SY/C and composite video output)
• Built-in C system EE/PB switch
EE : Electric-Electric monitor mode
• Title insertion function (white or black character)
• C MUTE function for playback in PAL mode
(Outputs C signal used for generating the
composite video signal)
• Built-in switch for switching between the two input
systems, Y and C
• Built-in 75
Ω driver for the two input systems, Y
and C
(with power saving function)
Structure
Bipolar silicon monolithic IC
S-terminal Compatible Video I/O
32 pin QFP (Plastic)
CXA1812Q


Podobny numer części - CXA1812

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA1810 SONY-CXA1810 Datasheet
969Kb / 53P
   Luminance and Color Signal Processing for 8mm VCR
CXA1810AQ SONY-CXA1810AQ Datasheet
969Kb / 53P
   Luminance and Color Signal Processing for 8mm VCR
CXA1810AR SONY-CXA1810AR Datasheet
969Kb / 53P
   Luminance and Color Signal Processing for 8mm VCR
CXA1814 SONY-CXA1814 Datasheet
374Kb / 20P
   8 mm VCR ATF
CXA1814N SONY-CXA1814N Datasheet
374Kb / 20P
   8 mm VCR ATF
More results

Podobny opis - CXA1812

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BH7624KS2 ROHM-BH7624KS2_05 Datasheet
538Kb / 17P
   PAL Video I/O Interface
BH7625KS2 ROHM-BH7625KS2_05 Datasheet
565Kb / 17P
   NTSC-PAL Video I/O Interface
logo
SHANTOU HUASHAN ELECTRO...
HS600K HUASHAN-HS600K Datasheet
192Kb / 3P
   NPN S I L I C O N T R A N S I S T O R
logo
Contec Co., Ltd
DIO-0808TY-USB CONTEC-DIO-0808TY-USB Datasheet
166Kb / 3P
   Digital I/O Terminal for USB2.0
logo
NHP Electrical Engineer...
1734-VTM NHP-1734-VTM Datasheet
430Kb / 1P
   POINT I/O VOLTAGE TERMINAL MODULE
7 June 2023,
logo
List of Unclassifed Man...
HSL-TB32-M-DIN ETC2-HSL-TB32-M-DIN Datasheet
218Kb / 1P
   32-CH I/O Terminal Base
logo
New Jersey Semi-Conduct...
1N200AR NJSEMI-1N200AR Datasheet
78Kb / 1P
   SI RECTIFIER, I(O)/I(F) S 100MA
logo
E-Tech Electronics LTD
GSMBTA06 ETL-GSMBTA06 Datasheet
211Kb / 2P
   N P N S I L I C O N T R A N S I S T O R
GSMBTA64 ETL-GSMBTA64 Datasheet
217Kb / 2P
   P N P S I L I C O N T R A N S I S T O R
GSMBTA05 ETL-GSMBTA05 Datasheet
211Kb / 2P
   N P N S I L I C O N T R A N S I S T O R
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com