Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPIC5323L Arkusz danych(PDF) 5 Page - Texas Instruments

Numer części TPIC5323L
Szczegółowy opis  3-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC5323L Arkusz danych(HTML) 5 Page - Texas Instruments

  TPIC5323L Datasheet HTML 1Page - Texas Instruments TPIC5323L Datasheet HTML 2Page - Texas Instruments TPIC5323L Datasheet HTML 3Page - Texas Instruments TPIC5323L Datasheet HTML 4Page - Texas Instruments TPIC5323L Datasheet HTML 5Page - Texas Instruments TPIC5323L Datasheet HTML 6Page - Texas Instruments TPIC5323L Datasheet HTML 7Page - Texas Instruments TPIC5323L Datasheet HTML 8Page - Texas Instruments TPIC5323L Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TPIC5323L
3-CHANNEL INDEPENDENT GATE-PROTECTED
SLIS044A – NOVEMBER 1994 – REVISED SEPTEMBER 1995
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Pulse Generator
50
Rgen
50
VGS
VDD = 25 V
DUT
VDS
TEST CIRCUIT
VDD
VDS(on)
tf2
td(on)
tr2
td(off)
VOLTAGE WAVEFORMS
VGS
VDS
RL
CL = 30 pF
(see Note A)
tf1
tr1
5 V
0 V
NOTE A: CL includes probe and jig capacitance.
Figure 2. Resistive-Switching Test Circuit and Voltage Waveforms
Qg
5 V
VOLTAGE WAVEFORM
Qgd
Time
Gate Voltage
VGS
12-V
Battery
0.2
µF
50 k
0.3
µF
Current
Regulator
DUT
Same Type
as DUT
0 V
IG = 100 µA
IG Current-
Sampling Resistor
ID Current-
Sampling Resistor
VDD
TEST CIRCUIT
Qgs(th)
VDS
Figure 3. Gate-Charge Test Circuit and Waveform


Podobny numer części - TPIC5323L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPIC5322L TI1-TPIC5322L Datasheet
228Kb / 12P
[Old version datasheet]   3-CHANNEL INDEPENDENT LOGIC-LEVEL POWER DMOS ARRAY
TPIC5322LD TI1-TPIC5322LD Datasheet
228Kb / 12P
[Old version datasheet]   3-CHANNEL INDEPENDENT LOGIC-LEVEL POWER DMOS ARRAY
More results

Podobny opis - TPIC5323L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPIC5423L TI-TPIC5423L Datasheet
199Kb / 11P
[Old version datasheet]   4-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5223L TI-TPIC5223L Datasheet
285Kb / 13P
[Old version datasheet]   2-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5223L TI1-TPIC5223L_11 Datasheet
268Kb / 13P
[Old version datasheet]   2-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5303 TI1-TPIC5303 Datasheet
264Kb / 14P
[Old version datasheet]   3-CHANNEL INDEPENDENT GATE-PROTECTED POWER DMOS ARRAY
TPIC5322L TI1-TPIC5322L Datasheet
228Kb / 12P
[Old version datasheet]   3-CHANNEL INDEPENDENT LOGIC-LEVEL POWER DMOS ARRAY
TPIC5203 TI1-TPIC5203 Datasheet
261Kb / 13P
[Old version datasheet]   2-CHANNEL INDEPENDENT GATE-PROTECTED POWER DMOS ARRAY
TPIC5403 TI-TPIC5403 Datasheet
295Kb / 14P
[Old version datasheet]   4-CHANNEL INDEPENDENT GATE-PROTECTED POWER DMOS ARRAY
TPIC1321L TI1-TPIC1321L Datasheet
273Kb / 14P
[Old version datasheet]   3-HALF H-BRIDGE GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5421L TI1-TPIC5421L Datasheet
299Kb / 16P
[Old version datasheet]   H-BRIDGE GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5302D TI1-TPIC5302D Datasheet
211Kb / 12P
[Old version datasheet]   3-CHANNEL INDEPENDENT POWER DMOS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com