Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPIC5601 Arkusz danych(PDF) 8 Page - Texas Instruments

Numer części TPIC5601
Szczegółowy opis  3-PHASE BRIDGE POWER DMOS ARRAY
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC5601 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button TPIC5601 Datasheet HTML 4Page - Texas Instruments TPIC5601 Datasheet HTML 5Page - Texas Instruments TPIC5601 Datasheet HTML 6Page - Texas Instruments TPIC5601 Datasheet HTML 7Page - Texas Instruments TPIC5601 Datasheet HTML 8Page - Texas Instruments TPIC5601 Datasheet HTML 9Page - Texas Instruments TPIC5601 Datasheet HTML 10Page - Texas Instruments TPIC5601 Datasheet HTML 11Page - Texas Instruments TPIC5601 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
TPIC5601
3PHASE BRIDGE POWER DMOS ARRAY
SLIS022B − MARCH 1994 − REVISED OCTOBER 1995
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
TYPICAL CHARACTERISTICS
SOURCE-TO-DRAIN DIODE CURRENT
vs
SOURCE-TO-DRAIN VOLTAGE
VSD − Source-to-Drain Voltage − V
CAPACITANCE
vs
DRAIN-TO-SOURCE VOLTAGE
120
80
40
0
160
200
240
04
8
12
16
400
360
320
280
VDS − Drain-to-Source Voltage − V
0.6
0.4
0.2
0.1
1
2
4
6
0.1
10
1
TJ = − 40°C
TJ = 25°C
TJ = 75°C
f = 1 MHz
TJ = 25°C
TJ = 150°C
TJ = 125°C
8
20
24
28
32
36
40
Coss
Crss
Ciss
Figure 11
Figure 12
REVERSE-RECOVERY TIME
vs
REVERSE di/dt
Reverse di/dt − A/
µs
200
100
50
0
0
100
200
300
400
500
300
600
700
250
150
Q4, Q5, and Q6
IS = 1 A
TJ = 25°C
See Figure 1
Q1, Q2, and Q3
DRAIN-TO-SOURCE VOLTAGE AND
GATE-TO-SOURCE VOLTAGE
vs
GATE CHARGE
Qg − Gate Charge − nC
0
0.5
1
1.5
2
2.5
3
3.5
4
30
20
10
0
40
50
60
70
ID = 1 A
TJ = 25°C
See Figure 3
VDD = 30 V
6
4
2
0
8
10
12
14
VDD = 20 V
4.5
5
VDD = 48 V
VDD = 20 V
Figure 13
Figure 14


Podobny numer części - TPIC5601

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPIC5621L TI1-TPIC5621L Datasheet
240Kb / 13P
[Old version datasheet]   SIX-OUTPUT POWER DMOS ARRAY
TPIC5621LDW TI1-TPIC5621LDW Datasheet
240Kb / 13P
[Old version datasheet]   SIX-OUTPUT POWER DMOS ARRAY
More results

Podobny opis - TPIC5601

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPIC5404 TI1-TPIC5404 Datasheet
270Kb / 15P
[Old version datasheet]   H-BRIDGE POWER DMOS ARRAY
TPIC1310 TI-TPIC1310 Datasheet
231Kb / 11P
[Old version datasheet]   3-HALF H-BRIDGE GATE PROTECTED POWER DMOS ARRAY
TPIC1301 TI1-TPIC1301 Datasheet
269Kb / 14P
[Old version datasheet]   3-HALF H-BRIDGE GATE-PROTECTED POWER DMOS ARRAY
TPIC5424L TI1-TPIC5424L Datasheet
264Kb / 15P
[Old version datasheet]   H-BRIDGE LOGIC-LEVEL POWER DMOS ARRAY
TPIC5401 TI1-TPIC5401_16 Datasheet
566Kb / 17P
[Old version datasheet]   H-BRIDGE GATE-PROTECTED POWER DMOS ARRAY
TPIC5401 TI-TPIC5401 Datasheet
212Kb / 12P
[Old version datasheet]   H-BRIDGE GATE-PROTECTED POWER DMOS ARRAY
TPIC5302D TI1-TPIC5302D Datasheet
211Kb / 12P
[Old version datasheet]   3-CHANNEL INDEPENDENT POWER DMOS ARRAY
TPIC5302 TI-TPIC5302 Datasheet
171Kb / 11P
[Old version datasheet]   3-CHANNEL INDEPENDENT POWER DMOS ARRAY
TPIC1321L TI1-TPIC1321L Datasheet
273Kb / 14P
[Old version datasheet]   3-HALF H-BRIDGE GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC3302 TI1-TPIC3302_11 Datasheet
219Kb / 12P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN POWER DMOS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com