Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPIC5621L Arkusz danych(PDF) 11 Page - Texas Instruments

Numer części TPIC5621L
Szczegółowy opis  SIX-OUTPUT POWER DMOS ARRAY
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC5621L Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button TPIC5621L Datasheet HTML 5Page - Texas Instruments TPIC5621L Datasheet HTML 6Page - Texas Instruments TPIC5621L Datasheet HTML 7Page - Texas Instruments TPIC5621L Datasheet HTML 8Page - Texas Instruments TPIC5621L Datasheet HTML 9Page - Texas Instruments TPIC5621L Datasheet HTML 10Page - Texas Instruments TPIC5621L Datasheet HTML 11Page - Texas Instruments TPIC5621L Datasheet HTML 12Page - Texas Instruments TPIC5621L Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
TPIC5621LDW
OBSOLETE
SOIC
DW
20
TBD
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2)
Eco
Plan
-
The
planned
eco-friendly
classification:
Pb-Free
(RoHS)
or
Green
(RoHS
&
no
Sb/Br)
-
please
check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
8-Apr-2005
Addendum-Page 1


Podobny numer części - TPIC5621L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPIC5601 TI1-TPIC5601 Datasheet
228Kb / 13P
[Old version datasheet]   3-PHASE BRIDGE POWER DMOS ARRAY
TPIC5601DW TI1-TPIC5601DW Datasheet
228Kb / 13P
[Old version datasheet]   3-PHASE BRIDGE POWER DMOS ARRAY
More results

Podobny opis - TPIC5621L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPIC5201 TI1-TPIC5201 Datasheet
242Kb / 12P
[Old version datasheet]   DUAL POWER DMOS ARRAY
TPIC5404 TI1-TPIC5404 Datasheet
270Kb / 15P
[Old version datasheet]   H-BRIDGE POWER DMOS ARRAY
logo
Shenzhen Huazhimei Semi...
HM226NS HMSEMI-HM226NS Datasheet
581Kb / 7P
   Six touch six output IC
logo
Texas Instruments
TPIC1501A TI-TPIC1501A Datasheet
295Kb / 17P
[Old version datasheet]   QUAD AND HEX POWER DMOS ARRAY
TPIC1533 TI-TPIC1533 Datasheet
312Kb / 17P
[Old version datasheet]   QUAD AND HEX POWER DMOS ARRAY
TPIC5302D TI1-TPIC5302D Datasheet
211Kb / 12P
[Old version datasheet]   3-CHANNEL INDEPENDENT POWER DMOS ARRAY
TPIC5601 TI1-TPIC5601 Datasheet
228Kb / 13P
[Old version datasheet]   3-PHASE BRIDGE POWER DMOS ARRAY
TPIC1502 TI-TPIC1502 Datasheet
330Kb / 16P
[Old version datasheet]   QUAD AND HEX POWER DMOS ARRAY
TPIC1504 TI-TPIC1504 Datasheet
331Kb / 16P
[Old version datasheet]   QUAD AND HEX POWER DMOS ARRAY
TPIC1505 TI-TPIC1505 Datasheet
301Kb / 16P
[Old version datasheet]   QUAD AND HEX POWER DMOS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com