Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPS1110D Arkusz danych(PDF) 4 Page - Texas Instruments

Numer części TPS1110D
Szczegółowy opis  SINGLE P-CHANNEL LOGIC-LEVEL MOSFETS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPS1110D Arkusz danych(HTML) 4 Page - Texas Instruments

  TPS1110D Datasheet HTML 1Page - Texas Instruments TPS1110D Datasheet HTML 2Page - Texas Instruments TPS1110D Datasheet HTML 3Page - Texas Instruments TPS1110D Datasheet HTML 4Page - Texas Instruments TPS1110D Datasheet HTML 5Page - Texas Instruments TPS1110D Datasheet HTML 6Page - Texas Instruments TPS1110D Datasheet HTML 7Page - Texas Instruments TPS1110D Datasheet HTML 8Page - Texas Instruments TPS1110D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TPS1110, TPS1110Y
SINGLE P-CHANNEL LOGIC-LEVEL MOSFETS
SLVS100B – OCTOBER 1994 – REVISED JANUARY 1998
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
dynamic
PARAMETER
TEST CONDITIONS
TPS1110
TPS1110Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
Qg
Total gate charge
4.3
5.4
4.3
Qgs
Gate-to-source
charge
VDS = – 6 V,
VGS = – 6 V,
See Figures 1 and 10
ID = – 3 A
0.66
0.83
0.66
nC
Qgd
Gate-to-drain charge
0.52
0.68
0.52
td(on)
Turn-on delay time
5.8
8
5.8
ns
td(off)
Turn-off delay time
VDD = – 6 V,
RL = 6 Ω,ID = – 1 A,
22
29
22
ns
tr
Rise time
DD
RG = 6 Ω,
L
See Figure 2
D
22
29
22
tf
Fall time
4.5
7
4.5
ns
trr(SD)
Source-to-drain
reverse-recovery time
VDS = – 6 V,
di/dt = 100 A/
µs,
ID = – 3 A
65
98
65
ns
Qrr
Total diode charge
DS
,
µ ,
D
71
71
nC
PARAMETER MEASUREMENT INFORMATION
Qg
–6 V
VOLTAGE WAVEFORM
Time
Gate Voltage
VGS
12-V
Battery
0.2
µF
50 k
0.3
µF
Current
Regulator
DUT
Same Type
as DUT
IG = – 50 µA
IG Current-
Sampling Resistor
ID Current-
Sampling Resistor
VDD
TEST CIRCUIT
–6 V
Qgs
Qgd
Figure 1. Gate-Charge Test Circuit and Waveform


Podobny numer części - TPS1110D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPS1100 TI-TPS1100 Datasheet
155Kb / 10P
[Old version datasheet]   SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
TPS1100D TI-TPS1100D Datasheet
155Kb / 10P
[Old version datasheet]   SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
TPS1100D TI1-TPS1100D Datasheet
700Kb / 14P
[Old version datasheet]   SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
TPS1100DG4 TI1-TPS1100DG4 Datasheet
700Kb / 14P
[Old version datasheet]   SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
TPS1100DR TI1-TPS1100DR Datasheet
700Kb / 14P
[Old version datasheet]   SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
More results

Podobny opis - TPS1110D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDN340P FAIRCHILD-FDN340P_07 Datasheet
211Kb / 5P
   Single P-Channel, Logic Level, PowerTrench짰MOSFET
logo
Kersemi Electronic Co.,...
KSMD60N03L KERSEMI-KSMD60N03L Datasheet
1Mb / 6P
   N-Channel Logic Level MOSFETs
logo
Fairchild Semiconductor
FDC658P FAIRCHILD-FDC658P Datasheet
249Kb / 8P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6675 FAIRCHILD-FDS6675 Datasheet
247Kb / 5P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
FDN340P FAIRCHILD-FDN340P Datasheet
273Kb / 8P
   Single P-Channel, Logic Level, PowerTrench MOSFET
FDS6575 FAIRCHILD-FDS6575 Datasheet
247Kb / 8P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
SI3455DV FAIRCHILD-SI3455DV Datasheet
166Kb / 5P
   Single P-Channel Logic Level PowerTrench MOSFET
FDR858P FAIRCHILD-FDR858P Datasheet
261Kb / 8P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6675 FAIRCHILD-FDS6675_07 Datasheet
515Kb / 5P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
SI3457DV FAIRCHILD-SI3457DV Datasheet
85Kb / 5P
   Single P-Channel Logic Level PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com