Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA1846AN Arkusz danych(PDF) 2 Page - Sony Corporation

Numer części CXA1846AN
Szczegółowy opis  Electronic volume control
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1846AN Arkusz danych(HTML) 2 Page - Sony Corporation

  CXA1846AN Datasheet HTML 1Page - Sony Corporation CXA1846AN Datasheet HTML 2Page - Sony Corporation CXA1846AN Datasheet HTML 3Page - Sony Corporation CXA1846AN Datasheet HTML 4Page - Sony Corporation CXA1846AN Datasheet HTML 5Page - Sony Corporation CXA1846AN Datasheet HTML 6Page - Sony Corporation CXA1846AN Datasheet HTML 7Page - Sony Corporation CXA1846AN Datasheet HTML 8Page - Sony Corporation CXA1846AN Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
—2—
CXA1846AM/AN
Pin Description
1
20
2
19
3
18
4
17
5
16
INP2
INP1
INN2
INN1
VCT2
VCT1
INAO2
INAO1
VRIN2
VRIN1
50k
VCT
VCT
VCT
VCT
8.2k
VCT
129
VCC
GND
20
1
129
VCC
GND
2
19
VCC
GND
18
3
VCC
GND
4
17
VCC
GND
16
5
Input operational amplifier positive
phase input
Input operational amplifier
reversed phase input
VCT buffer output
Input operational amplifier
Volume input
Pin No.
Symbol
I/O resistance
voltage
Equivalent circuit
Description


Podobny numer części - CXA1846AN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA1846M SONY-CXA1846M Datasheet
133Kb / 10P
   Electronic volume control
CXA1846N SONY-CXA1846N Datasheet
133Kb / 10P
   Electronic volume control
More results

Podobny opis - CXA1846AN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA1846M SONY-CXA1846M Datasheet
133Kb / 10P
   Electronic volume control
logo
Toshiba Semiconductor
TC9459N TOSHIBA-TC9459N Datasheet
417Kb / 12P
   ELECTRONIC VOLUME CONTROL
TC9210P TOSHIBA-TC9210P Datasheet
325Kb / 9P
   ELECTRONIC VOLUME CONTROL IC
logo
Samsung semiconductor
KA2250 SAMSUNG-KA2250 Datasheet
196Kb / 8P
   DUAL ELECTRONIC VOLUME CONTROL
S5A2250A01 SAMSUNG-S5A2250A01 Datasheet
132Kb / 12P
   DUAL ELECTRONIC VOLUME CONTROL
logo
Toshiba Semiconductor
TC9299P TOSHIBA-TC9299P Datasheet
251Kb / 7P
   ELECTRONIC VOLUME CONTROL IC
logo
Sanyo Semicon Device
LC7533 SANYO-LC7533 Datasheet
87Kb / 3P
   3V Electronic Volume Control
logo
SHENZHEN FUMAN ELECTRON...
SC2256B FUMAN-SC2256B Datasheet
427Kb / 8P
   Electronic volume control circuit
logo
Sanyo Semicon Device
LC75366 SANYO-LC75366 Datasheet
244Kb / 11P
   Two-Channel Electronic Volume Control
LC7534M SANYO-LC7534M Datasheet
438Kb / 5P
   3V-Operated Electronic Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com