Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1118IRUGR Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS1118IRUGR
Szczegółowy opis  Ultra-Small, Low-Power, SPI??Compatible, 16-Bit
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1118IRUGR Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button ADS1118IRUGR Datasheet HTML 2Page - Texas Instruments ADS1118IRUGR Datasheet HTML 3Page - Texas Instruments ADS1118IRUGR Datasheet HTML 4Page - Texas Instruments ADS1118IRUGR Datasheet HTML 5Page - Texas Instruments ADS1118IRUGR Datasheet HTML 6Page - Texas Instruments ADS1118IRUGR Datasheet HTML 7Page - Texas Instruments ADS1118IRUGR Datasheet HTML 8Page - Texas Instruments ADS1118IRUGR Datasheet HTML 9Page - Texas Instruments ADS1118IRUGR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
SCLK
CS
DIN
DOUT
t
SCLK
t
CSSC
t
SPWH
t
DIHD
t
SPWL
t
CSDOZ
t
DOHD
t
DOPD
t
SCCS
t
SCSC
t
CSH
t
CSDOD
t
DIST
Hi-Z
Hi-Z
ADS1118
SBAS457B – OCTOBER 2010 – REVISED AUGUST 2012
www.ti.com
SPI TIMING CHARACTERISTICS
Figure 1. Serial Interface Timing
TIMING REQUIREMENTS: SERIAL INTERFACE TIMING
At TA = –40°C to +125°C and VDD = 2V to 5.5V, unless otherwise noted.
SYMBOL
DESCRIPTION
MIN
MAX
UNIT
tCSSC
CS low to first SCLK: setup time(1)
100
ns
tSCLK
SCLK period
250
ns
tSPWH
SCLK pulse width: high
100
ns
100
ns
tSPWL
SCLK pulse width: low(2)
28
ms
tDIST
Valid DIN to SCLK falling edge: setup time
50
ns
tDIHD
Valid DIN to SCLK falling edge: hold time
50
ns
tDOPD
SCLK rising edge to valid new DOUT: propagation delay(3)
50
ns
tDOHD
SCLK rising edge to DOUT invalid: hold time
0
ns
tCSDOD
CS low to DOUT driven: propagation delay
100
ns
tCSDOZ
CS high to DOUT Hi-Z: propagation delay
100
ns
tCSH
CS high pulse
200
ns
tSCCS
Final SCLK falling edge to CS high
100
ns
(1)
CS can be tied low.
(2)
Holding SCLK low longer than 28ms resets the SPI interface.
(3)
DOUT load = 20pF || 100k
Ω to DGND.
6
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Links: ADS1118


Podobny numer części - ADS1118IRUGR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1118IRUGR TI1-ADS1118IRUGR Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1118IRUGR TI1-ADS1118IRUGR Datasheet
670Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, SPI-Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
More results

Podobny opis - ADS1118IRUGR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1118 TI-ADS1118_13 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1118 TI1-ADS1118 Datasheet
670Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, SPI-Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1118 TI1-ADS1118_14 Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1018 TI1-ADS1018_14 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 12-Bit, Analog-to-Digital Converter and Temperature Sensor with Internal Reference
logo
LAPIS Semiconductor Co....
ML620Q503H LAPIS-ML620Q503H Datasheet
903Kb / 35P
   Ultra Low Power 16-bit Microcontrolle
logo
List of Unclassifed Man...
ML620Q538 ETC2-ML620Q538 Datasheet
628Kb / 9P
   Ultra Low Power 16-bit Microcontroller
ML620Q503 ETC2-ML620Q503 Datasheet
914Kb / 34P
   Ultra Low Power 16-bit Microcontroller
ML620Q546 ETC2-ML620Q546 Datasheet
628Kb / 9P
   Ultra Low Power 16-bit Microcontroller
logo
Rohm
ML620Q503 ROHM-ML620Q503 Datasheet
914Kb / 34P
   Ultra Low Power 16-bit Microcontroller
logo
LAPIS Semiconductor Co....
ML620Q503 LAPIS-ML620Q503 Datasheet
914Kb / 34P
   Ultra Low Power 16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com