Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA1853Q Arkusz danych(PDF) 9 Page - Sony Corporation

Numer części CXA1853Q
Szczegółowy opis  RGB Driver for LCD
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1853Q Arkusz danych(HTML) 9 Page - Sony Corporation

Back Button CXA1853Q Datasheet HTML 5Page - Sony Corporation CXA1853Q Datasheet HTML 6Page - Sony Corporation CXA1853Q Datasheet HTML 7Page - Sony Corporation CXA1853Q Datasheet HTML 8Page - Sony Corporation CXA1853Q Datasheet HTML 9Page - Sony Corporation CXA1853Q Datasheet HTML 10Page - Sony Corporation CXA1853Q Datasheet HTML 11Page - Sony Corporation CXA1853Q Datasheet HTML 12Page - Sony Corporation CXA1853Q Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
– 9 –
CXA1853Q
63
TEST IN
Measurement input.
This pin should be left open.
VCC4
GND
200
100µA
6.2k
63
VCC1
GND
40µA
67
65
66
VCC1
GND
200
37k
200
40µA
40µA
40µA
1k
68
VCC1
GND
80k
80k
37k
200
40µA
40µA
40µA
1k
70
69
VCC1
GND
200
37k
200
40µA
40µA
40µA
1k
71
64
GND
GND.
0V
65
B CLAMP
B signal clamp detection.
66
G CLAMP
G signal clamp detection.
67
R CLAMP
R signal clamp detection.
2.1V Typ.
68
RGB GAM
GAIN 1
RGB signal common black
side voltage gain control.
1.6 to 5.0V∗
69
R GAM
GAIN 1
R signal black side voltage
gain control. Preset internally
to 3.3V.
1.6 to 5.0V∗
70
B GAM
GAIN 1
B signal black side voltage
gain control. Preset internally
to 3.3V.
1.6 to 5.0V∗
71
RGB GAM
GAIN 2
RGB signal common white
side voltage gain control.
1.6 to 5.0V∗
Note) ∗ in the Pin voltage indicates external applied voltage.
Pin
NO.
Symbol
Pin voltage
Equivalent circuit
Description


Podobny numer części - CXA1853Q

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA1853AQ SONY-CXA1853AQ Datasheet
699Kb / 39P
   RGB Driver for LCD
More results

Podobny opis - CXA1853Q

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA1819Q SONY-CXA1819Q Datasheet
387Kb / 20P
   RGB Driver for LCD
CXA1853AQ SONY-CXA1853AQ Datasheet
699Kb / 39P
   RGB Driver for LCD
logo
Panasonic Semiconductor
AN5371NS PANASONIC-AN5371NS Datasheet
145Kb / 2P
   RGB Signal Output for LCD TV
logo
Samsung semiconductor
S6B33B0A SAMSUNG-S6B33B0A Datasheet
423Kb / 76P
   144 RGB Segment & 177 Common Driver For 65,536 Color STN LCD
S6B33A2 SAMSUNG-S6B33A2 Datasheet
383Kb / 67P
   128 RGB Segment & 129 Common Driver For 4,096 Color STN LCD
S6B33B2 SAMSUNG-S6B33B2 Datasheet
1Mb / 79P
   132 RGB Segment & 162 Common Driver For 65,536 Color STN LCD
logo
Texas Instruments
LP55281 TI1-LP55281 Datasheet
1Mb / 35P
[Old version datasheet]   Quad RGB Driver
logo
National Semiconductor ...
LP55281 NSC-LP55281 Datasheet
1Mb / 28P
   Quad RGB Driver
logo
Samsung semiconductor
S6D0110 SAMSUNG-S6D0110 Datasheet
595Kb / 108P
   132 RGB Source & 176 Gate Driver With Internal GRAM FOR 65,536 Colors TFT-LCD
logo
List of Unclassifed Man...
MBI6010 ETC-MBI6010 Datasheet
187Kb / 4P
   3-Channel Driver for RGB LED Cluster
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com