Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA1854AR Arkusz danych(PDF) 8 Page - Sony Corporation

Numer części CXA1854AR
Szczegółowy opis  Decoder/Driver/Timing Generator for Color LCD Panels
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1854AR Arkusz danych(HTML) 8 Page - Sony Corporation

Back Button CXA1854AR Datasheet HTML 4Page - Sony Corporation CXA1854AR Datasheet HTML 5Page - Sony Corporation CXA1854AR Datasheet HTML 6Page - Sony Corporation CXA1854AR Datasheet HTML 7Page - Sony Corporation CXA1854AR Datasheet HTML 8Page - Sony Corporation CXA1854AR Datasheet HTML 9Page - Sony Corporation CXA1854AR Datasheet HTML 10Page - Sony Corporation CXA1854AR Datasheet HTML 11Page - Sony Corporation CXA1854AR Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
– 8 –
CXA1854AR
55
RBRT
56
BBRT
VCC1/2
Fine adjustment for R and B
signal brightness.
55
56
VCC1
GND1
47k
3k
2.5V
57
RGB-GAIN
VCC1/2
Adjusts RGB output amplitude
gain.
57
VCC1
GND1
47k
3k
2.5V
58
GAMMA2
VCC1/2
Adjusts voltage gain change
point
γ 2.
58
VCC1
GND1
47k
3k
2.5V
59
GAMMA1
VCC1/2
Adjusts voltage gain change
point
γ 1.
59
VCC1
GND1
47k
3k
2.5V
60
BRIGHT
VCC1/2
RGB output brightness
adjustment. It does not
influence the
γ compensation
curve.
60
VCC1
GND1
47k
4k
2.5V
Pin
No.
Symbol
Pin voltage
Equivalent circuit
Description


Podobny numer części - CXA1854AR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cree, Inc
CXA1850 CREE-CXA1850 Datasheet
1Mb / 15P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
CXA1850-0000-000N00V430F CREE-CXA1850-0000-000N00V430F Datasheet
1Mb / 15P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
CXA1850-0000-000N00V430H CREE-CXA1850-0000-000N00V430H Datasheet
1Mb / 15P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
CXA1850-0000-000N00V435F CREE-CXA1850-0000-000N00V435F Datasheet
1Mb / 15P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
CXA1850-0000-000N00V435H CREE-CXA1850-0000-000N00V435H Datasheet
1Mb / 15P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
More results

Podobny opis - CXA1854AR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA2503AR SONY-CXA2503AR Datasheet
1Mb / 72P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA3017R SONY-CXA3017R Datasheet
1Mb / 83P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA2543R SONY-CXA2543R Datasheet
1Mb / 78P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA3268AR SONY-CXA3268AR Datasheet
432Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3522R SONY-CXA3522R Datasheet
358Kb / 41P
   Driver/Timing Generator for Color LCD Panels
CXA3503R SONY-CXA3503R Datasheet
420Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3572R SONY-CXA3572R Datasheet
300Kb / 40P
   Driver/Timing Generator for Color LCD Panels
CXD2458AR SONY-CXD2458AR Datasheet
1Mb / 56P
   Timing Generator for Color LCD Panels
CXD2411AR SONY-CXD2411AR Datasheet
1Mb / 42P
   Timing Generator for Color LCD Panels
CXD2412AQ SONY-CXD2412AQ Datasheet
1Mb / 36P
   Timing Generator for LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com