Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74BCT2828B Arkusz danych(PDF) 4 Page - Texas Instruments

Numer części SN74BCT2828B
Szczegółowy opis  10-BIT BUS/MOS MEMORY DRIVERS WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74BCT2828B Arkusz danych(HTML) 4 Page - Texas Instruments

  SN74BCT2828B Datasheet HTML 1Page - Texas Instruments SN74BCT2828B Datasheet HTML 2Page - Texas Instruments SN74BCT2828B Datasheet HTML 3Page - Texas Instruments SN74BCT2828B Datasheet HTML 4Page - Texas Instruments SN74BCT2828B Datasheet HTML 5Page - Texas Instruments SN74BCT2828B Datasheet HTML 6Page - Texas Instruments SN74BCT2828B Datasheet HTML 7Page - Texas Instruments SN74BCT2828B Datasheet HTML 8Page - Texas Instruments SN74BCT2828B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
SN54BCT2828A, SN74BCT2828B
10BIT BUS/MOS MEMORY DRIVERS
WITH 3STATE OUTPUTS
SCBS058A − APRIL 1987 − REVISED NOVEMBER 1993
2−4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Note 3)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
SN54BCT2828A
SN74BCT2828B
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A
Y
1.8
2.7
5.9
1.5
10
1.3
6.6
ns
tPHL
A
Y
1.2
3.1
4.8
1.5
9
0.9
5
ns
tPZH
OE
Y
3.6
5.8
7.8
2
15
2.9
9
ns
tPZL
OE
Y
5.5
7.9
10.2
2
21
4.8
11.5
ns
tPHZ
OE
Y
4.7
7.2
9.3
2
18
3.8
10.8
ns
tPLZ
OE
Y
3.3
5.4
7.2
2
15
2.7
8.7
ns
NOTE 3: Load circuits and voltage waveforms are shown in Section 1.


Podobny numer części - SN74BCT2828B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74BCT2828B TI1-SN74BCT2828B Datasheet
316Kb / 11P
[Old version datasheet]   10-BIT BUS/MOS MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN74BCT2828BDW TI1-SN74BCT2828BDW Datasheet
316Kb / 11P
[Old version datasheet]   10-BIT BUS/MOS MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN74BCT2828BNT TI1-SN74BCT2828BNT Datasheet
316Kb / 11P
[Old version datasheet]   10-BIT BUS/MOS MEMORY DRIVERS WITH 3-STATE OUTPUTS
More results

Podobny opis - SN74BCT2828B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54BCT2827C TI-SN54BCT2827C_08 Datasheet
418Kb / 12P
[Old version datasheet]   10-BIT BUS/MOS MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN54BCT2828A TI1-SN54BCT2828A_14 Datasheet
316Kb / 11P
[Old version datasheet]   10-BIT BUS/MOS MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN54BCT2827C TI-SN54BCT2827C Datasheet
74Kb / 5P
[Old version datasheet]   10-BIT BUS/MOS MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN54BCT2827C TI-SN54BCT2827C_07 Datasheet
397Kb / 12P
[Old version datasheet]   10-BIT BUS/MOS MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN64BCT2827C TI1-SN64BCT2827C Datasheet
86Kb / 5P
[Old version datasheet]   10-BIT BUS/MOS MEMORY DRIVER WITH 3-STATE OUTPUTS
54ACT11828 TI-54ACT11828 Datasheet
78Kb / 5P
[Old version datasheet]   10-BIT BUFFERS/BUS DRIVERS WITH 3-STATE OUTPUTS
54ACT11827 TI-54ACT11827 Datasheet
87Kb / 5P
[Old version datasheet]   10-BIT BUFFERS/BUS DRIVERS WITH 3-STATE OUTPUTS
54ACT11827 TI1-54ACT11827_09 Datasheet
100Kb / 5P
[Old version datasheet]   10-BIT BUFFERS/BUS DRIVERS WITH 3-STATE OUTPUTS
54ACT11828 TI1-54ACT11828_09 Datasheet
90Kb / 5P
[Old version datasheet]   10-BIT BUFFERS/BUS DRIVERS WITH 3-STATE OUTPUTS
SN74ALS29827 TI-SN74ALS29827 Datasheet
80Kb / 5P
[Old version datasheet]   10-BIT BUFFERS AND BUS DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com