Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA1898Q Arkusz danych(PDF) 3 Page - Sony Corporation

Numer części CXA1898Q
Szczegółowy opis  Recording/Playback Equalizer Amplifier
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1898Q Arkusz danych(HTML) 3 Page - Sony Corporation

  CXA1898Q Datasheet HTML 1Page - Sony Corporation CXA1898Q Datasheet HTML 2Page - Sony Corporation CXA1898Q Datasheet HTML 3Page - Sony Corporation CXA1898Q Datasheet HTML 4Page - Sony Corporation CXA1898Q Datasheet HTML 5Page - Sony Corporation CXA1898Q Datasheet HTML 6Page - Sony Corporation CXA1898Q Datasheet HTML 7Page - Sony Corporation CXA1898Q Datasheet HTML 8Page - Sony Corporation CXA1898Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
– 3 –
CXA1898Q
Pin Description
Pin
No.
6
31
Symbol
DC
voltage
I/O
Equivalent circuit
Description
AGC IN1
AGC IN2
4.0V
I
AGC signal input.
Input resistance
changes between
47k
Ω and 3kΩ
I/O
resistance
50k
VCC
147
3k
47k
× 4
VCC
GND
VGS
6
31
7
30
REC IN1
REC IN2
4.0V
I
Recording equalizer
input.
50k
8
29
AGC OUT1
AGC OUT2
4.0V
O
AGC output pin.
AGC is applied at
–11dBm or more.
147
9
28
REC OUT1
REC OUT2
4.0V
O
Recording equalizer
output.
147
7
30
VCC
147
50k
VCC
GND
VGS
23k
1.8k
VGS
GND
8
29
VCC
147
18.8k
500
× 4
VCC
GND
VGS
GND GND
× 2
47.8k
5.3k
500
VGS
9
28
VCC
147
40k
500
× 10
VCC
GND
GND
× 3
500
× 2
5p


Podobny numer części - CXA1898Q

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA1897Q SONY-CXA1897Q Datasheet
396Kb / 22P
   Dolby B Type Noise Reduction System with Recording/Playback Equalizer
More results

Podobny opis - CXA1898Q

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA1998BQ SONY-CXA1998BQ Datasheet
488Kb / 28P
   Recording/Playback Equalizer Amplifier
CXA1998AQ SONY-CXA1998AQ Datasheet
695Kb / 28P
   Recording/Playback Equalizer Amplifier
CXA1498S SONY-CXA1498S Datasheet
378Kb / 13P
   Recording/Playback Equalizer Amplifier for Stereo Tape Recorder
logo
Rohm
BA5102A ROHM-BA5102A Datasheet
99Kb / 2P
   Switchless Recording/Playback Amplifier
logo
Sony Corporation
CXA2002R SONY-CXA2002R Datasheet
421Kb / 25P
   2-channel Recording/Playback Amplifier
logo
Sanyo Semicon Device
LA7270 SANYO-LA7270 Datasheet
256Kb / 6P
   VHS VTR Playback Head Amplifier Recording Amplifier
logo
Sony Corporation
CXA1878Q SONY-CXA1878Q Datasheet
1Mb / 36P
   Dolby B-C Type Noise Reduction System with Recording/Playback Equalizer Amplifier
logo
Aplus Intergrated Circu...
APR6008 APLUS-APR6008 Datasheet
2Mb / 23P
   Voice Recording & Playback Device Voice Recording & Playback Device
logo
Sanyo Semicon Device
LA70020 SANYO-LA70020 Datasheet
173Kb / 13P
   Recording/Playback Amplifier for VHS VCRs
logo
Panasonic Semiconductor
AN3371SB PANASONIC-AN3371SB Datasheet
74Kb / 7P
   2-head recording/playback amplifier IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com