Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA1915AN Arkusz danych(PDF) 3 Page - Sony Corporation

Numer części CXA1915AN
Szczegółowy opis  I-V Photo IC for MiniDisc
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1915AN Arkusz danych(HTML) 3 Page - Sony Corporation

  CXA1915AN Datasheet HTML 1Page - Sony Corporation CXA1915AN Datasheet HTML 2Page - Sony Corporation CXA1915AN Datasheet HTML 3Page - Sony Corporation CXA1915AN Datasheet HTML 4Page - Sony Corporation CXA1915AN Datasheet HTML 5Page - Sony Corporation CXA1915AN Datasheet HTML 6Page - Sony Corporation CXA1915AN Datasheet HTML 7Page - Sony Corporation CXA1915AN Datasheet HTML 8Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
—3—
CXA1915AN
Electrical and Optical Characteristics
(VCC=3.0V, VC=1.5V, Ta=25°C)
Note)
1. Vc is reference for output voltage and output offset voltage.
2. GND is reference for maximum output voltage.
3. Output voltage and frequency response are subject to conformation of design.
Measurement Circuit
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Current consumption
ICC
In the dark
2.2
3.2
mA
Dark current (A to F)
ID
In the dark
4.0
nA
Optical sensitivity (A to F)
S
PO=5µW,
λ = 780nm
0.3
0.4
A/W
Output offset voltage (I, J)
Voff
In the dark
-10
5.5
10
Output offset voltage difference (I-J)
∆Voff
In the dark
-10
0
10
mV
Output voltage (I, J)
VO
PO=5µW,
λ = 780nm
100
130
160
Maximum output voltage (I, J)
Vomax
PO=100µW,
λ = 780nm
2.7
2.8
V
Frequency response (I, J)
fc
100kHz reference, -3 dB
1.8
2.3
MHz
4k
1k
1k
1k
1k
1k
1k
4k
100pF
8
10
1
2
4
7
5
6
Do
Ao
Jo
Bo
Co
Fo
Vcc
Vc
GND
Eo
3
9
12
Io
GND
11
1.5V
3.0V
100pF
ΩΩ
ΩΩΩ


Podobny numer części - CXA1915AN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA1910 SONY-CXA1910 Datasheet
387Kb / 18P
   Dolby B Type Noise Reduction System with Playback Equalizer
CXA1910Q SONY-CXA1910Q Datasheet
387Kb / 18P
   Dolby B Type Noise Reduction System with Playback Equalizer
CXA1911 SONY-CXA1911 Datasheet
334Kb / 18P
   Dolby B/C Type Noise Reduction System with Playback Equalizer
CXA1911Q SONY-CXA1911Q Datasheet
334Kb / 18P
   Dolby B/C Type Noise Reduction System with Playback Equalizer
CXA1917AM SONY-CXA1917AM Datasheet
396Kb / 16P
   Dolby S type Noise Reduction Processor
More results

Podobny opis - CXA1915AN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA6602V SANYO-LA6602V Datasheet
88Kb / 6P
   I-V Amplifier for MiniDisc Drives
logo
Sony Corporation
CXA1753M SONY-CXA1753M Datasheet
60Kb / 7P
   I-V Photo IC for CD Player
logo
Renesas Technology Corp
PH525F RENESAS-PH525F Datasheet
243Kb / 10P
   PHOTO DIODE INTERNAL I/V AMPLIFIER DETECTOR FOR CD
April 1st, 2010
logo
Hamamatsu Corporation
L12557-01SR HAMAMATSU-L12557-01SR_15 Datasheet
273Kb / 4P
   Photo IC for optical link
S7727 HAMAMATSU-S7727_15 Datasheet
243Kb / 3P
   Photo IC for optical link
S8046 HAMAMATSU-S8046 Datasheet
74Kb / 2P
   Photo IC for optical link
S6841 HAMAMATSU-S6841 Datasheet
320Kb / 4P
   Photo IC for optical switch
L11354-01 HAMAMATSU-L11354-01_15 Datasheet
683Kb / 12P
   Photo IC for optical link
S7141-10 HAMAMATSU-S7141-10 Datasheet
71Kb / 2P
   Photo IC for optical link
S11049 HAMAMATSU-S11049_15 Datasheet
473Kb / 6P
   Photo IC for optical switch
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com