Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA1946 Arkusz danych(PDF) 11 Page - Sony Corporation

Numer części CXA1946
Szczegółowy opis  Electronic Volume
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1946 Arkusz danych(HTML) 11 Page - Sony Corporation

Back Button CXA1946 Datasheet HTML 7Page - Sony Corporation CXA1946 Datasheet HTML 8Page - Sony Corporation CXA1946 Datasheet HTML 9Page - Sony Corporation CXA1946 Datasheet HTML 10Page - Sony Corporation CXA1946 Datasheet HTML 11Page - Sony Corporation CXA1946 Datasheet HTML 12Page - Sony Corporation CXA1946 Datasheet HTML 13Page - Sony Corporation CXA1946 Datasheet HTML 14Page - Sony Corporation CXA1946 Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
– 11 –
CXA1946AQ/AR
• TONE BASS/TREBLE
Setting value
D20/D24
D21/D25
14
12
10
8
6
4
2
0
1
1
1
1
0
0
0
0
1
1
0
0
1
1
0
0
D22/D26
1
0
1
0
1
0
1
0
• FADER
Setting value
D28
D29
–60
–45
–35
–25
–20
–18
–16
–14
–12
–10
–8
–6
–4
–2
0
1
1
1
1
1
1
1
1
0
0
0
0
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
D30
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
D31
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
• BOOST/CUT
Setting value
D23/D27
BOOST
CUT
1
0
• FADER SELECT
• RESET
Reset is performed automatically when power is first supplied to the IC; there is no reset pin.
The following table shows the respective statuses of various settings after a reset has been performed.
However, from the time when power is first supplied until the first data transfer, keep CE high by pulling it up
to Vcc, etc.
Setting value
D32
Attenuation of front signal
Attenuation of rear signal
1
0
MODE
Setting value
INPUT
VRC1
VRF1
VRC2
VRF2
LOUD
TONE BASS
TONE TREBLE
FADER
1
–7dB
–7dB
OFF
0dB
0dB
0dB, REAR


Podobny numer części - CXA1946

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA1946 SONY-CXA1946 Datasheet
365Kb / 23P
   Electronic Volume
CXA1946 SONY-CXA1946 Datasheet
419Kb / 23P
   Electronic Volume
CXA1946BQ SONY-CXA1946BQ Datasheet
365Kb / 23P
   Electronic Volume
CXA1946BR SONY-CXA1946BR Datasheet
365Kb / 23P
   Electronic Volume
CXA1946CR SONY-CXA1946CR Datasheet
419Kb / 23P
   Electronic Volume
More results

Podobny opis - CXA1946

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA1646Q SONY-CXA1646Q Datasheet
273Kb / 21P
   Electronic Volume
logo
Silan Microelectronics ...
SC9235 SILAN-SC9235 Datasheet
139Kb / 9P
   ELECTRONIC VOLUME
logo
Sony Corporation
CXA1211M SONY-CXA1211M Datasheet
121Kb / 10P
   Electronic Volume
CXA1946CR SONY-CXA1946CR Datasheet
419Kb / 23P
   Electronic Volume
logo
Toshiba Semiconductor
TC9153 TOSHIBA-TC9153 Datasheet
1Mb / 16P
   electronic volume
logo
Sony Corporation
CXA2506Q SONY-CXA2506Q Datasheet
250Kb / 19P
   Electronic Volume
logo
Toshiba Semiconductor
TC9235P TOSHIBA-TC9235P Datasheet
342Kb / 10P
   ELECTRONIC VOLUME
logo
Sony Corporation
CXA1746Q SONY-CXA1746Q Datasheet
254Kb / 19P
   Electronic Volume
logo
Toshiba Semiconductor
TC9260P TOSHIBA-TC9260P Datasheet
350Kb / 10P
   ELECTRONIC VOLUME
logo
Sony Corporation
CXA1946BQ SONY-CXA1946BQ Datasheet
365Kb / 23P
   Electronic Volume
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com