Zakładka z wyszukiwarką danych komponentów |
|
CXA1982Q Arkusz danych(PDF) 1 Page - Sony Corporation |
|
CXA1982Q Arkusz danych(HTML) 1 Page - Sony Corporation |
1 / 30 page – 1 – CXA1982Q E97215-PS RF Signal Processing Servo Amplifier for CD players Description The CXA1982Q is a bipolar IC with built-in RF signal processing and various servo ICs. A CD player servo can be configured by using this IC, DSP and driver. Features • Low operating voltage (VCC – VEE = 2.8 to 4.0V) • Low power consumption (36mW, VCC = 3.0V) • Supports pickup of either current output, voltage output • Supports tracking system balance adjustment externally • Single power supply and positive/negative dual power supplies Applications • RF I-V amplifier, RF amplifier • Focus and tracking error amplifier • APC circuit • Mirror detection circuit • Defect detection and prevention circuits • Focus servo control • Tracking servo control • Sled servo control Structure Bipolar silicon monolithic IC Absolute Maximum Ratings (Ta = 25°C) • Supply voltage VCC 12 V • Operating temperature Topr –20 to +75 °C • Storage temperature Tstg –65 to +150 °C • Allowable power dissipation PD 833 mW Recommended Operating Condition Operating supply voltage VCC – VEE 2.8 to 4.0 V Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits. 48 pin QFP (Plastic) For the availability of this product, please contact the sales office. |
Podobny numer części - CXA1982Q |
|
Podobny opis - CXA1982Q |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |