Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74ABT5400 Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części SN74ABT5400
Szczegółowy opis  11-BIT LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ABT5400 Arkusz danych(HTML) 7 Page - Texas Instruments

  SN74ABT5400 Datasheet HTML 1Page - Texas Instruments SN74ABT5400 Datasheet HTML 2Page - Texas Instruments SN74ABT5400 Datasheet HTML 3Page - Texas Instruments SN74ABT5400 Datasheet HTML 4Page - Texas Instruments SN74ABT5400 Datasheet HTML 5Page - Texas Instruments SN74ABT5400 Datasheet HTML 6Page - Texas Instruments SN74ABT5400 Datasheet HTML 7Page - Texas Instruments SN74ABT5400 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
SN74ABT5400DW
OBSOLETE
SOIC
DW
28
TBD
Call TI
Call TI
SN74ABT5400DWR
OBSOLETE
SOIC
DW
28
TBD
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
18-Sep-2008
Addendum-Page 1


Podobny numer części - SN74ABT5400

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ABT5400A TI-SN74ABT5400A Datasheet
105Kb / 6P
[Old version datasheet]   11-BIT LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN74ABT5400ADW TI-SN74ABT5400ADW Datasheet
105Kb / 6P
[Old version datasheet]   11-BIT LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
More results

Podobny opis - SN74ABT5400

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54ABT5401 TI-SN54ABT5401 Datasheet
106Kb / 6P
[Old version datasheet]   11-BIT LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN54ABT5400A TI-SN54ABT5400A Datasheet
105Kb / 6P
[Old version datasheet]   11-BIT LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN54ABT5403 TI-SN54ABT5403 Datasheet
106Kb / 6P
[Old version datasheet]   12-BIT LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN54ABT5402A TI1-SN54ABT5402A_14 Datasheet
530Kb / 12P
[Old version datasheet]   12-BIT LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN54ABT5402A TI-SN54ABT5402A Datasheet
105Kb / 6P
[Old version datasheet]   12-BIT LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN74ABT5402 TI1-SN74ABT5402 Datasheet
251Kb / 11P
[Old version datasheet]   12-BIT LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN54ABT5403 TI1-SN54ABT5403_09 Datasheet
304Kb / 9P
[Old version datasheet]   12-BIT LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN74BCT2410 TI1-SN74BCT2410 Datasheet
96Kb / 6P
[Old version datasheet]   11-BIT MOS MEMORY DRIVER WITH 3-STATE OUTPUTS
SN54ABTR2245 TI1-SN54ABTR2245_13 Datasheet
672Kb / 10P
[Old version datasheet]   OCTAL TRANSCEIVERS AND LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN54ABTR2245 TI-SN54ABTR2245 Datasheet
129Kb / 8P
[Old version datasheet]   OCTAL TRANSCEIVERS AND LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com