Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA1994AM Arkusz danych(PDF) 3 Page - Sony Corporation

Numer części CXA1994AM
Szczegółowy opis  M-ary FSK Demodulating Comparator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1994AM Arkusz danych(HTML) 3 Page - Sony Corporation

  CXA1994AM Datasheet HTML 1Page - Sony Corporation CXA1994AM Datasheet HTML 2Page - Sony Corporation CXA1994AM Datasheet HTML 3Page - Sony Corporation CXA1994AM Datasheet HTML 4Page - Sony Corporation CXA1994AM Datasheet HTML 5Page - Sony Corporation CXA1994AM Datasheet HTML 6Page - Sony Corporation CXA1994AM Datasheet HTML 7Page - Sony Corporation CXA1994AM Datasheet HTML 8Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
– 3 –
CXA1994AM/BM
µA
µA
mV
mV
V
V
V
Electrical Characteristics
(VCC = 1.4V, Ta = 25°C)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Current consumption
Current consumption
Comparator input voltage high level
Comparator input voltage low level
Comparator output saturation voltage
Logic input voltage high level
Logic input voltage low level
ICC
ICCS
VCOMPH
VCOMPL
Vsat
VTHH
VTHL
VREF as a reference
VREF as a reference
0.9
70
50
–50
100
6
0.4
0.35
Pin Description
1. VCC
Power supply pin of 1V or more
2. TH CONT
This pin adjusts the threshold level and the default is approximately ±50mV from the
reference voltage. The threshold level can be set lower by inserting a resistor between VCC
and this pin. (The level cannot be set higher.)
3. DATA IN
The signal after passing through the data filter of the IF IC (CXA1484A) is input.
4. REF
Connects to the reference voltage pin of the IF IC. (Pin 15 of the CXA1484A)
5. DATA OUT
Comparator output.
6. NC
Not connected.
7. GND
Ground.
8. B.S.
Battery saving control pin. Battery saving state for low; normal operation for high.


Podobny numer części - CXA1994AM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA1991 SONY-CXA1991 Datasheet
245Kb / 12P
   FM Pager/FM Multiplex Tuner
CXA1991N SONY-CXA1991N Datasheet
245Kb / 12P
   FM Pager/FM Multiplex Tuner
CXA1992 SONY-CXA1992 Datasheet
714Kb / 49P
   RF Signal Processing Servo Amplifier
CXA1992AR SONY-CXA1992AR Datasheet
714Kb / 49P
   RF Signal Processing Servo Amplifier
CXA1992BR SONY-CXA1992BR Datasheet
718Kb / 49P
   RF Signal Processing Servo Amplifier
More results

Podobny opis - CXA1994AM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA3117AN SONY-CXA3117AN Datasheet
394Kb / 30P
   IF Amplifier for M-ary FSK Pagers
CXA1999N SONY-CXA1999N Datasheet
303Kb / 19P
   IF Amplifier for M-ary FSK Pagers
CXA3117N SONY-CXA3117N Datasheet
397Kb / 30P
   IF Amplifier for M-ary FSK Pagers
CXA3099N SONY-CXA3099N Datasheet
261Kb / 15P
   IF Amplifier for M-ary FSK Pagers
CXA3107N SONY-CXA3107N Datasheet
276Kb / 18P
   IF Amplifier for M-ary FSK Pagers
CXA3179N SONY-CXA3179N Datasheet
374Kb / 27P
   IF Amplifier for M-ary FSK Pagers (AFC Supported)
logo
Analog Devices
AD641 AD-AD641 Datasheet
256Kb / 16P
   250 MHz Demodulating Logarithmic Amplifier
REV. C
AD641 AD-AD641_15 Datasheet
260Kb / 16P
   250 MHz Demodulating Logarithmic Amplifier
REV. C
AD641 AD-AD641_16 Datasheet
320Kb / 17P
   250 MHz Demodulating Logarithmic Amplifier
logo
Filtronic Compound Semi...
ST-135 FILTRONIC-ST-135 Datasheet
104Kb / 1P
   Software Radio Demodulator for demodulating diverse signals
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com