Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA1998AQ Arkusz danych(PDF) 11 Page - Sony Corporation

Numer części CXA1998AQ
Szczegółowy opis  Recording/Playback Equalizer Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1998AQ Arkusz danych(HTML) 11 Page - Sony Corporation

Back Button CXA1998AQ Datasheet HTML 7Page - Sony Corporation CXA1998AQ Datasheet HTML 8Page - Sony Corporation CXA1998AQ Datasheet HTML 9Page - Sony Corporation CXA1998AQ Datasheet HTML 10Page - Sony Corporation CXA1998AQ Datasheet HTML 11Page - Sony Corporation CXA1998AQ Datasheet HTML 12Page - Sony Corporation CXA1998AQ Datasheet HTML 13Page - Sony Corporation CXA1998AQ Datasheet HTML 14Page - Sony Corporation CXA1998AQ Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
– 11 –
CXA1998AQ
Reference input level
Reference output level
Channel balance
NORM – NS
frequency response
NORM – NS
frequency response
NORM – NS
frequency response
CrO2 – NS
frequency response
CrO2 – NS
frequency response
CrO2 – NS
frequency response
METAL – NS
frequency response
METAL – NS
frequency response
METAL – NS
frequency response
NORM – HS
frequency response
NORM – HS
frequency response
NORM – HS
frequency response
CrO2 – HS
frequency response
CrO2 – HS
frequency response
CrO2 – HS
frequency response
METAL – HS
frequency response
METAL – HS
frequency response
METAL – HS
frequency response
dB
NORM – NS, 315Hz, input level at which
reference output can be obtained
NORM – NS, 315Hz
NORM – NS, 315Hz, output level
difference 1ch-2ch for –26.7dBm input
f = 3kHz
at NORM – NS,
315Hz, reference output –20dB
f = 8kHz
at NORM – NS,
315Hz, reference output –20dB
f = 12kHz
at NORM – NS,
315Hz, reference output –20dB
f = 3kHz
at NORM – NS,
315Hz, reference output –20dB
f = 8kHz
at NORM – NS,
315Hz, reference output –20dB
f = 12kHz
at NORM – NS,
315Hz, reference output –20dB
f = 3kHz
at NORM – NS,
315Hz, reference output –20dB
f = 8kHz
at NORM – NS,
315Hz, reference output –20dB
f = 12kHz
at NORM – NS,
315Hz, reference output –20dB
f = 5kHz
at NORM – NS,
315Hz, reference output –20dB
f = 15kHz
at NORM – NS,
315Hz, reference output –20dB
f = 20kHz
at NORM – NS,
315Hz, reference output –20dB
f = 5kHz
at NORM – NS,
315Hz, reference output –20dB
f = 15kHz
at NORM – NS,
315Hz, reference output –20dB
f = 20kHz
at NORM – NS,
315Hz, reference output –20dB
f = 5kHz
at NORM – NS,
315Hz, reference output –20dB
f = 15kHz
at NORM – NS,
315Hz, reference output –20dB
f = 20kHz
at NORM – NS,
315Hz, reference output –20dB
–26.7
–10.0
0.0
–0.6
5.2
11.7
4.9
11.4
17.6
5.9
10.2
15.2
0.2
9.7
14.9
6.4
16.2
19.7
8.0
15.5
19.4
–28.2
–1.5
–1.8
3.4
8.7
3.7
9.9
14.8
4.7
8.7
12.9
–1.6
7.6
11.9
5.2
14.1
16.7
6.8
13.7
16.9
–25.2
1.5
0.6
7.0
14.7
6.1
12.9
20.4
7.1
11.7
17.5
2.2
11.8
17.4
7.6
18.3
22.7
9.2
17.3
21.9
dBm
Item
Measurement conditions
Min.
Typ.
Max.
Unit


Podobny numer części - CXA1998AQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA1998 SONY-CXA1998 Datasheet
488Kb / 28P
   Recording/Playback Equalizer Amplifier
CXA1998BQ SONY-CXA1998BQ Datasheet
488Kb / 28P
   Recording/Playback Equalizer Amplifier
More results

Podobny opis - CXA1998AQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA1898Q SONY-CXA1898Q Datasheet
660Kb / 26P
   Recording/Playback Equalizer Amplifier
CXA1998BQ SONY-CXA1998BQ Datasheet
488Kb / 28P
   Recording/Playback Equalizer Amplifier
CXA1498S SONY-CXA1498S Datasheet
378Kb / 13P
   Recording/Playback Equalizer Amplifier for Stereo Tape Recorder
logo
Rohm
BA5102A ROHM-BA5102A Datasheet
99Kb / 2P
   Switchless Recording/Playback Amplifier
logo
Sony Corporation
CXA2002R SONY-CXA2002R Datasheet
421Kb / 25P
   2-channel Recording/Playback Amplifier
logo
Sanyo Semicon Device
LA7270 SANYO-LA7270 Datasheet
256Kb / 6P
   VHS VTR Playback Head Amplifier Recording Amplifier
logo
Sony Corporation
CXA1878Q SONY-CXA1878Q Datasheet
1Mb / 36P
   Dolby B-C Type Noise Reduction System with Recording/Playback Equalizer Amplifier
logo
Aplus Intergrated Circu...
APR6008 APLUS-APR6008 Datasheet
2Mb / 23P
   Voice Recording & Playback Device Voice Recording & Playback Device
logo
Sanyo Semicon Device
LA70020 SANYO-LA70020 Datasheet
173Kb / 13P
   Recording/Playback Amplifier for VHS VCRs
logo
Panasonic Semiconductor
AN3371SB PANASONIC-AN3371SB Datasheet
74Kb / 7P
   2-head recording/playback amplifier IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com