Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CAT24C32WE.G Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części CAT24C32WE.G
Szczegółowy opis  32-Kb I2C CMOS Serial EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24C32WE.G Arkusz danych(HTML) 1 Page - ON Semiconductor

  CAT24C32WE.G Datasheet HTML 1Page - ON Semiconductor CAT24C32WE.G Datasheet HTML 2Page - ON Semiconductor CAT24C32WE.G Datasheet HTML 3Page - ON Semiconductor CAT24C32WE.G Datasheet HTML 4Page - ON Semiconductor CAT24C32WE.G Datasheet HTML 5Page - ON Semiconductor CAT24C32WE.G Datasheet HTML 6Page - ON Semiconductor CAT24C32WE.G Datasheet HTML 7Page - ON Semiconductor CAT24C32WE.G Datasheet HTML 8Page - ON Semiconductor CAT24C32WE.G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
© Semiconductor Components Industries, LLC, 2012
August, 2012 − Rev. 15
1
Publication Order Number:
CAT24C32/D
CAT24C32
32-Kb I2C CMOS Serial
EEPROM
Description
The CAT24C32 is a 32−Kb CMOS Serial EEPROM devices,
internally organized as 4096 words of 8 bits each.
It features a 32−byte page write buffer and supports the Standard
(100 kHz), Fast (400 kHz) and Fast−Plus (1 MHz) I2C protocol.
External address pins make it possible to address up to eight
CAT24C32 devices on the same bus.
Features
Supports Standard, Fast and Fast−Plus I2C Protocol
1.7 V to 5.5 V Supply Voltage Range
32−Byte Page Write Buffer
Hardware Write Protection for Entire Memory
Schmitt Triggers and Noise Suppression Filters on I2C Bus Inputs
(SCL and SDA)
Low Power CMOS Technology
1,000,000 Program/Erase Cycles
100 Year Data Retention
Industrial and Extended Temperature Range
PDIP, SOIC, TSSOP, TDFN, UDFN 8−lead Packages and TSOP
5−lead Package
This Device is Pb−Free, Halogen Free/BFR Free, and RoHS
Compliant
http://onsemi.com
PIN CONFIGURATIONS
SDA
WP
VCC
VSS
A2
A1
A0
1
See detailed ordering and shipping information in the package
dimensions section on page 16 of this data sheet.
ORDERING INFORMATION
SOIC−8
W SUFFIX
CASE 751BD
TDFN−8
VP2 SUFFIX
CASE 511AK
SCL
PDIP (L), SOIC (W), TSSOP (Y),
TDFN (VP2), UDFN (HU3, HU4)
PDIP−8
L SUFFIX
CASE 646AA
UDFN−8
HU3 SUFFIX
CASE 517AX
TSSOP−8
Y SUFFIX
CASE 948AL
For the location of Pin 1, please consult the
corresponding package drawing.
UDFN−8
HU4 SUFFIX
CASE 517AZ
TSOP−5
TS SUFFIX
CASE 483
VCC
WP
SDA
VSS
SCL
1
TSOP−5 (TS)


Podobny numer części - CAT24C32WE.G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
CAT24C32WE.GT3 ONSEMI-CAT24C32WE.GT3 Datasheet
144Kb / 16P
   32-Kb I2C CMOS Serial EEPROM
June, 2015 ??Rev. 24
More results

Podobny opis - CAT24C32WE.G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Catalyst Semiconductor
CAT24C32 CATALYST-CAT24C32 Datasheet
527Kb / 18P
   32-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
LE2432RDXA ONSEMI-LE2432RDXA Datasheet
353Kb / 17P
   32 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
CAT24C32 ONSEMI-CAT24C32_15 Datasheet
144Kb / 16P
   32-Kb I2C CMOS Serial EEPROM
June, 2015 ??Rev. 24
N24C32 ONSEMI-N24C32 Datasheet
89Kb / 10P
   32 Kb I2C CMOS Serial EEPROM
June, 2016 ??Rev. 1
CAT24C32WI-G ONSEMI-CAT24C32WI-G Datasheet
182Kb / 17P
   32-Kb I2C CMOS Serial EEPROM
August, 2012 ??Rev. 15
CAT24C32 ONSEMI-CAT24C32 Datasheet
182Kb / 14P
   32-Kb I2C CMOS Serial EEPROM
July, 2010 ??Rev. 12
LE2432DXA ONSEMI-LE2432DXA Datasheet
310Kb / 17P
   32 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
CAV24C32 ONSEMI-CAV24C32_16 Datasheet
113Kb / 12P
   32-Kb I2C CMOS Serial EEPROM
February, 2016 ??Rev. 2
CAT24C32 ONSEMI-CAT24C32_18 Datasheet
405Kb / 22P
   EEPROM Serial 32-Kb I2C
May, 2018 ??Rev. 26
CAV24C32 ONSEMI-CAV24C32_18 Datasheet
319Kb / 17P
   EEPROM Serial 32-Kb I2C
May, 2018 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com