Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA1999N Arkusz danych(PDF) 10 Page - Sony Corporation

Numer części CXA1999N
Szczegółowy opis  IF Amplifier for M-ary FSK Pagers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1999N Arkusz danych(HTML) 10 Page - Sony Corporation

Back Button CXA1999N Datasheet HTML 6Page - Sony Corporation CXA1999N Datasheet HTML 7Page - Sony Corporation CXA1999N Datasheet HTML 8Page - Sony Corporation CXA1999N Datasheet HTML 9Page - Sony Corporation CXA1999N Datasheet HTML 10Page - Sony Corporation CXA1999N Datasheet HTML 11Page - Sony Corporation CXA1999N Datasheet HTML 12Page - Sony Corporation CXA1999N Datasheet HTML 13Page - Sony Corporation CXA1999N Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
—10—
CXA1999N
Application Note
1) Power Supply
The CXA1999N, with built-in regulator, is designed to permit stable operation at wide range of supply
voltage from 1.1 to 4.0 V. Decouple the wiring to VCC (Pin 4) as close to the pin as possible.
2) Oscillator Input
Oscillator input method
a) Using Pins 1 and 2, input self-excited oscillation signal through the composition of a Colpitts type crystal
oscillator circuit.
b) Directly input a local oscillation signal to Pin 1.
3) Mixer
The mixer is of double-balance type. Pin 20 is the input pin. Input though a suitable matching circuit. The
input impedance is 2.0 k
Ω.
Pin 3 serves as the output pin for the mixer, and a load resistance of 1.5 k
Ω is incorporated.
4) IF Filter
The filter to be connected between this mixer output and the IF limiter amplifier input should have the
following specifications.
I/O impedance : 1.5 k
Ω ±10 %
Band width
: Changes according to applications.
5) IF Limiter Amplifier
The gain of this IF limiter amplifier is approximately 100 dB. Take notice of the following points in making
connection to the IF limiter amplifier input pin (Pin 5).
a) Be sure to wire to the IF limiter amplifier input (Pin 5) is as short as possible.
b) As the IF limiter amplifier output appears at QUAD (Pin 8), be sure to wire to the ceramic discriminator
connected to QUAD is as short as possible and reduce the interference with the mixer output and IF
limiter amplifier input.
2
3
1
VCC
Ceramic
filter
1
2
3
From local signal
Ceramic
filter
Fig. 1
4
5
6
7
9
3
8
VCC
Shortest possible wirings which
must be apart as far as possible
As short as possible
Fig. 2


Podobny numer części - CXA1999N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA1991 SONY-CXA1991 Datasheet
245Kb / 12P
   FM Pager/FM Multiplex Tuner
CXA1991N SONY-CXA1991N Datasheet
245Kb / 12P
   FM Pager/FM Multiplex Tuner
CXA1992 SONY-CXA1992 Datasheet
714Kb / 49P
   RF Signal Processing Servo Amplifier
CXA1992AR SONY-CXA1992AR Datasheet
714Kb / 49P
   RF Signal Processing Servo Amplifier
CXA1992BR SONY-CXA1992BR Datasheet
718Kb / 49P
   RF Signal Processing Servo Amplifier
More results

Podobny opis - CXA1999N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA3117AN SONY-CXA3117AN Datasheet
394Kb / 30P
   IF Amplifier for M-ary FSK Pagers
CXA3117N SONY-CXA3117N Datasheet
397Kb / 30P
   IF Amplifier for M-ary FSK Pagers
CXA3099N SONY-CXA3099N Datasheet
261Kb / 15P
   IF Amplifier for M-ary FSK Pagers
CXA3107N SONY-CXA3107N Datasheet
276Kb / 18P
   IF Amplifier for M-ary FSK Pagers
CXA3179N SONY-CXA3179N Datasheet
374Kb / 27P
   IF Amplifier for M-ary FSK Pagers (AFC Supported)
CXA1994AM SONY-CXA1994AM Datasheet
119Kb / 8P
   M-ary FSK Demodulating Comparator
logo
New Japan Radio
NJM2537 NJRC-NJM2537_1 Datasheet
228Kb / 10P
   FM IF IC FOR PAGERS
NJM2537 NJRC-NJM2537 Datasheet
321Kb / 10P
   FM IF IC FOR PAGERS
logo
Nippon Precision Circui...
SM1125 NPC-SM1125 Datasheet
96Kb / 12P
   Multimelody IC for Pagers
SM1124 NPC-SM1124 Datasheet
92Kb / 10P
   Multimelody IC for Pagers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com