Zakładka z wyszukiwarką danych komponentów |
|
CAT25040VP2I.GT3 Arkusz danych(PDF) 9 Page - ON Semiconductor |
|
CAT25040VP2I.GT3 Arkusz danych(HTML) 9 Page - ON Semiconductor |
9 / 18 page CAT25010, CAT25020, CAT25040 http://onsemi.com 9 READ OPERATIONS Read from Memory Array To read from memory, the host sends a READ instruction followed by a 8−bit address (for the CAT25040, bit 3 of the read instruction opcode contains A8 address bit). After receiving the last address bit, the CAT25010/20/40 will respond by shifting out data on the SO pin (as shown in Figure 9). Sequentially stored data can be read out by simply continuing to run the clock. The internal address pointer is automatically incremented to the next higher address as data is shifted out. After reaching the highest memory address, the address counter “rolls over” to the lowest memory address, and the read cycle can be continued indefinitely. The read operation is terminated by taking CS high. Read Status Register To read the status register, the host simply sends a RDSR command. After receiving the last bit of the command, the CAT25010/20/40 will shift out the contents of the status register on the SO pin (Figure 10). The status register may be read at any time, including during an internal write cycle. While the internal write cycle is in progress, the RDSR command will output the full content of the status register (New product, Rev. E) or the RDY (Ready) bit only (i.e., data out = FFh) for previous product revisions C, D (Mature product). For easy detection of the internal write cycle completion, both during writing to the memory array and to the status register, we recommend sampling the RDY bit only through the polling routine. After detecting the RDY bit “0”, the next RDSR instruction will always output the expected content of the status register. Figure 9. READ Timing SCK SI SO BYTE ADDRESS 012 3456 78 9 D7 D6 D5 D4 D3 D2 D1 D0 DATA OUT MSB HIGH IMPEDANCE OPCODE 13 12 14 15 16 17 18 19 20 21 22 00 00 X* 0 1 1 Dashed Line = mode (1, 1) * X = 0 for CAT25010, CAT25020. X = A8 for CAT25040 A0 A7 CS Figure 10. RDSR Timing 01 2 3 4 5 6 7 8 10 911 12 13 14 SCK SI DATA OUT MSB HIGH IMPEDANCE OPCODE SO 7 6 5 4 3 2 1 0 00 0 0 0 1 0 1 Dashed Line = mode (1, 1) CS |
Podobny numer części - CAT25040VP2I.GT3 |
|
Podobny opis - CAT25040VP2I.GT3 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |