Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CAT25020VP2I.GT3 Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części CAT25020VP2I.GT3
Szczegółowy opis  1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT25020VP2I.GT3 Arkusz danych(HTML) 1 Page - ON Semiconductor

  CAT25020VP2I.GT3 Datasheet HTML 1Page - ON Semiconductor CAT25020VP2I.GT3 Datasheet HTML 2Page - ON Semiconductor CAT25020VP2I.GT3 Datasheet HTML 3Page - ON Semiconductor CAT25020VP2I.GT3 Datasheet HTML 4Page - ON Semiconductor CAT25020VP2I.GT3 Datasheet HTML 5Page - ON Semiconductor CAT25020VP2I.GT3 Datasheet HTML 6Page - ON Semiconductor CAT25020VP2I.GT3 Datasheet HTML 7Page - ON Semiconductor CAT25020VP2I.GT3 Datasheet HTML 8Page - ON Semiconductor CAT25020VP2I.GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© Semiconductor Components Industries, LLC, 2012
January, 2012 − Rev. 23
1
Publication Order Number:
CAT25010/D
CAT25010, CAT25020,
CAT25040
1-Kb, 2-Kb and 4-Kb SPI
Serial CMOS EEPROM
Description
The CAT25010/20/40 are 1−Kb/2−Kb/4−Kb Serial CMOS
EEPROM devices internally organized as 128x8/256x8/512x8 bits.
They feature a 16−byte page write buffer and support the Serial
Peripheral Interface (SPI) protocol. The device is enabled through a
Chip Select (CS) input. In addition, the required bus signals are a clock
input (SCK), data input (SI) and data output (SO) lines. The HOLD
input may be used to pause any serial communication with the
CAT25010/20/40 device. These devices feature software and
hardware write protection, including partial as well as full array
protection.
Features
20 MHz (5 V) SPI Compatible
1.8 V to 5.5 V Supply Voltage Range
SPI Modes (0,0) & (1,1)
16−byte Page Write Buffer
Self−timed Write Cycle
Hardware and Software Protection
Block Write Protection
− Protect 1/4, 1/2 or Entire EEPROM Array
Low Power CMOS Technology
1,000,000 Program/Erase Cycles
100 Year Data Retention
Industrial and Extended Temperature Range
PDIP, SOIC, TSSOP 8−Lead and TDFN, UDFN 8−Pad Packages
These Devices are Pb−Free, Halogen Free/BFR Free, and RoHS
Compliant
SI
SO
CAT25010
CAT25020
CAT25040
SCK
VSS
VCC
CS
WP
HOLD
Figure 1. Functional Symbol
http://onsemi.com
PIN CONFIGURATION
SI
HOLD
VCC
VSS
WP
SO
CS
1
See detailed ordering and shipping information in the package
dimensions section on page 17 of this data sheet.
ORDERING INFORMATION
SOIC−8
V SUFFIX
CASE 751BD
TDFN−8*
VP2 SUFFIX
CASE 511AK
SCK
PDIP (L), SOIC (V), MSOP (Z)
TSSOP (Y), TDFN* (VP2), UDFN (HU4)
PDIP−8
L SUFFIX
CASE 646AA
TSSOP−8
Y SUFFIX
CASE 948AL
Chip Select
CS
Serial Data Output
SO
Write Protect
WP
Ground
VSS
Serial Data Input
SI
Serial Clock
SCK
Function
Pin Name
PIN FUNCTION
MSOP−8
Z SUFFIX
CASE 846AD
Hold Transmission Input
HOLD
Power Supply
VCC
UDFN−8
HU4 SUFFIX
CASE 517AZ
* Not recommended for new designs
For the location of Pin 1, please consult the
corresponding package drawing.


Podobny numer części - CAT25020VP2I.GT3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Catalyst Semiconductor
CAT25020VP2I-GT3 CATALYST-CAT25020VP2I-GT3 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25020VP2I-GT3 CATALYST-CAT25020VP2I-GT3 Datasheet
236Kb / 17P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25020VP2I-GT3 ONSEMI-CAT25020VP2I-GT3 Datasheet
185Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 21
CAT25020VP2I-T3 ONSEMI-CAT25020VP2I-T3 Datasheet
185Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 21
logo
Catalyst Semiconductor
CAT25020VP2IT3 CATALYST-CAT25020VP2IT3 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
More results

Podobny opis - CAT25020VP2I.GT3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
CAT25010YI-G ONSEMI-CAT25010YI-G Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25010 ONSEMI-CAT25010 Datasheet
185Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 21
CAT25040LI-G ONSEMI-CAT25040LI-G Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
logo
Catalyst Semiconductor
CAT25010 CATALYST-CAT25010_07 Datasheet
236Kb / 17P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25010 ONSEMI-CAT25010_15 Datasheet
131Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
July, 2015 ??Rev. 25
logo
Catalyst Semiconductor
CAT24C01 CATALYST-CAT24C01 Datasheet
370Kb / 17P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C01 ONSEMI-CAT24C01_16 Datasheet
182Kb / 23P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
November, 2016 ??Rev. 31
CAT24C01 ONSEMI-CAT24C01_12 Datasheet
215Kb / 20P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
September, 2012 ??Rev. 22
CAT24C04WI ONSEMI-CAT24C04WI Datasheet
232Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C01LI-G ONSEMI-CAT24C01LI-G Datasheet
237Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com