Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS8101YD8G Arkusz danych(PDF) 7 Page - ON Semiconductor

Numer części CS8101YD8G
Szczegółowy opis  Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8101YD8G Arkusz danych(HTML) 7 Page - ON Semiconductor

Back Button CS8101YD8G Datasheet HTML 3Page - ON Semiconductor CS8101YD8G Datasheet HTML 4Page - ON Semiconductor CS8101YD8G Datasheet HTML 5Page - ON Semiconductor CS8101YD8G Datasheet HTML 6Page - ON Semiconductor CS8101YD8G Datasheet HTML 7Page - ON Semiconductor CS8101YD8G Datasheet HTML 8Page - ON Semiconductor CS8101YD8G Datasheet HTML 9Page - ON Semiconductor CS8101YD8G Datasheet HTML 10Page - ON Semiconductor CS8101YD8G Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
CS8101
http://onsemi.com
7
APPLICATION NOTES
VBAT
SWITCH
Q1
500 kW
0.1 mF
500 kW
100 kW
100 kW
CRST
COUT
RRST
VCC
RESET
I/O Port
mP
VOUT
RESET
ENABLE
VIN
Figure 6. Microprocessor Control of CS8101 Using External Switching Transistor Q1
CS8101
GND
The ENABLE pin of the CS8101 can be tied to the battery
voltage provided a series resistor is used as shown in Figure 7.
The maximum allowed voltage on the ENABLE pin without
the resistor is 10 V. Direct voltages greater than 10 V applied
to the pin without the series resistor may damage the device.
The system designer should note the turn−on threshold (typ
1.4 V) is on the ENABLE pin. The threshold will be higher
on the other side of RENABLE.
VBAT
Figure 7. Using the ENABLE pin with VBAT
60 k
ENABLE
RENABLE
0.64 V
ON/OFF
Control
10 k
50 k
STABILITY CONSIDERATIONS
The output or compensation capacitor helps determine
three main characteristics of a linear regulator: start−up
delay, load transient response and loop stability.
VIN
Figure 8. Test and Application Circuit Showing
Output Compensation
CIN*
0.1 mF
ENABLE
VOUT
RRST
COUT**
10 mF
RESET
CS8101
*CIN required if regulator is located far from the power supply filter.
*COUT required for stability. Capacitor must operate at
minimum temperature expected.
The capacitor value and type should be based on cost,
availability, size and temperature constraints. A tantalum or
aluminum electrolytic capacitor is best, since a film or
ceramic capacitor with almost zero ESR can cause
instability. The aluminum electrolytic capacitor is the least
expensive solution, but, if the circuit operates at low
temperatures (−25
°C to −40°C), both the value and ESR of
the capacitor will vary considerably. The capacitor
manufacturers data sheet usually provides this information.
The value for the output capacitor COUT shown in Figure 8
should work for most applications, however it is not
necessarily the optimized solution.


Podobny numer części - CS8101YD8G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
CS8101YD8G ONSEMI-CS8101YD8G Datasheet
127Kb / 13P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
More results

Podobny opis - CS8101YD8G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
CS8221 ONSEMI-CS8221 Datasheet
75Kb / 7P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator
February, 2006 ??Rev. 8
CS8361 ONSEMI-CS8361 Datasheet
163Kb / 8P
   5.0 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
October, 2009 ??Rev. 17
CS8481 ONSEMI-CS8481 Datasheet
50Kb / 6P
   3.3 V/250 mA, 5.0 V/100 mA Micropower Low Dropout Regulator with ENABLE
January, 2004 ??Rev. 9
CS9201 ONSEMI-CS9201 Datasheet
62Kb / 8P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with NOCAP
November, 2001 ??Rev. 13
CS8120 ONSEMI-CS8120 Datasheet
121Kb / 14P
   5.0 V, 300 mA Linear Regulator with RESET and ENABLE
January, 2004 ??Rev. 8
NCV8141 ONSEMI-NCV8141_06 Datasheet
116Kb / 14P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
December, 2006 ??Rev. 10
CS8151 ONSEMI-CS8151 Datasheet
174Kb / 14P
   5.0 V, 100 mA Low Dropout Linear Regulator with Watchdog, RESET, and Wake Up
October, 2008 ??Rev. 18
NCV8141 ONSEMI-NCV8141 Datasheet
89Kb / 12P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
August, 2004 ??Rev. 5
CS8321 ONSEMI-CS8321 Datasheet
145Kb / 6P
   Micropower 5.0 V, 150 mA Low Dropout Linear Regulator
October, 2005 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com