Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74ACT7204L35RJ Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części SN74ACT7204L35RJ
Szczegółowy opis  ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ACT7204L35RJ Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button SN74ACT7204L35RJ Datasheet HTML 3Page - Texas Instruments SN74ACT7204L35RJ Datasheet HTML 4Page - Texas Instruments SN74ACT7204L35RJ Datasheet HTML 5Page - Texas Instruments SN74ACT7204L35RJ Datasheet HTML 6Page - Texas Instruments SN74ACT7204L35RJ Datasheet HTML 7Page - Texas Instruments SN74ACT7204L35RJ Datasheet HTML 8Page - Texas Instruments SN74ACT7204L35RJ Datasheet HTML 9Page - Texas Instruments SN74ACT7204L35RJ Datasheet HTML 10Page - Texas Instruments SN74ACT7204L35RJ Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
SN74ACT7203L, SN74ACT7204L, SN74ACT7205L, SN74ACT7206L
2048 × 9, 4096 × 9, 8192 × 9, 16384 × 9
ASYNCHRONOUS FIRST IN, FIRST OUT MEMORIES
SCAS226A − FEBRUARY 1993 − REVISED SEPTEMBER 1995
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
Terminal Functions
TERMINAL
NAME
I/O
DESCRIPTION
D0 − D8
I
Data inputs
EF
O
Empty-flag output. EF is low when the read pointer is equal to the write pointer, inhibiting any operation initiated by a read
cycle. When the FIFO is empty, a data word can be read automatically at Q0 − Q8 by holding R low when loading the data
word with a low-level pulse on W.
FF
O
Full-flag output. FF is low when the write pointer is one location less than the read pointer, indicating that the device is
full and inhibiting any operation initiated by a write cycle. FF goes low when the number of writes after reset exceeds the
number of reads by 2048 for the SN74ACT7203L, 4096 for the SN74ACT7204L, 8192 for the SN74ACT7205L, and
16384 for the SN74ACT7206L. When the FIFO is full, a data word can be written automatically into memory by holding
W low while reading out another data word with a low-level pulse on R.
FL /RT
I
First-load/retransmit input. FL/RT performs two separate functions. When cascading two or more devices for word-depth
expansion, FL /RT is tied to ground on the first device in the daisy chain to indicate that it is the first device loaded and
unloaded; it is tied high on all other devices in the depth-expansion chain.
A device is not used in depth expansion when its expansion-in (XI) input is tied to ground. In that case, FL/RT acts as
a retransmit enable. A retransmit operation is initiated when FL /RT is pulsed low. This sets the internal read pointer to
the first location and does not affect the write pointer. R and W must be at a high logic level during the low-level FL /RT
retransmit pulse. Retransmit should be used only when less than 2048/4096 writes are performed between resets;
otherwise, an attempt to retransmit can cause the loss of unread data. The retransmit function can affect XO/HF
depending on the relative locations of the read and write pointers.
GND
Ground
Q0 − Q8
O
Data outputs. Q0 − Q8 are in the high-impedance state when R is high or the FIFO is empty.
R
I
Read-enable input. A read cycle begins on the falling edge of R if EF is high. This activates Q0 − Q8 and shifts the next
data value to this bus. The data outputs return to the high-impedance state as R goes high. As the last stored word is
read by the falling edge of R, EF transitions low but Q0 − Q8 remain active until R returns high. When the FIFO is empty,
the internal read pointer is unchanged by a pulse on R.
RS
I
Reset input. A reset is performed by taking RS low. This initializes the internal read and write pointers to the first location
and sets EF low, FF high, and HF high. Both R and W must be held high for a reset during the window shown in Figure 7.
A reset is required after power up before a write operation can take place.
VCC
Supply voltage
W
I
Write-enable input. A write cycle begins on the falling edge of W if FF is high. The value on D0 − D8 is stored in memory
as W returns high. When the FIFO is full, FF is low inhibiting W from performing any operation on the device.
XI
I
Expansion-in input. XI performs two functions. XI is tied to ground to indicate that the device is not used in depth
expansion. When the device is used in depth expansion, XI is connected to the expansion-out (XO) output of the previous
device in the depth-expansion chain.
XO/HF
O
Expansion-out/half-full-flag output. XO/HF performs two functions. When the device is not used in depth expansion (i.e.,
when XI is tied to ground), XO/HF indicates when half the memory locations are filled. After half of the memory is filled,
the falling edge on W for the next write operation drives XO/HF low. XO/HF remains low until a rising edge of R reduces
the number of words stored to exactly half of the total memory.
When the device is used in depth expansion, XO/HF is connected to XI of the next device in the daisy chain. XO/HF drives
the daisy chain by sending a pulse to the next device when the previous device reaches the last memory location.


Podobny numer części - SN74ACT7204L35RJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ACT7200L TI-SN74ACT7200L Datasheet
305Kb / 23P
[Old version datasheet]   256 횞 9, 512 횞 9, 1024 횞 9 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT7200L15DV TI-SN74ACT7200L15DV Datasheet
305Kb / 23P
[Old version datasheet]   256 횞 9, 512 횞 9, 1024 횞 9 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT7200L15NP TI-SN74ACT7200L15NP Datasheet
305Kb / 23P
[Old version datasheet]   256 횞 9, 512 횞 9, 1024 횞 9 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT7200L15RJ TI-SN74ACT7200L15RJ Datasheet
305Kb / 23P
[Old version datasheet]   256 횞 9, 512 횞 9, 1024 횞 9 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT7200L20DV TI-SN74ACT7200L20DV Datasheet
305Kb / 23P
[Old version datasheet]   256 횞 9, 512 횞 9, 1024 횞 9 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
More results

Podobny opis - SN74ACT7204L35RJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ACT72211L15RJ TI-SN74ACT72211L15RJ Datasheet
305Kb / 21P
[Old version datasheet]   SYNCHRONOUS FIRST-IN FIRST-OUT MEMORIES
SN74ACT72211L TI1-SN74ACT72211L Datasheet
327Kb / 21P
[Old version datasheet]   SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ALVC3631 TI-SN74ALVC3631 Datasheet
448Kb / 28P
[Old version datasheet]   SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ALVC3631 TI1-SN74ALVC3631_07 Datasheet
476Kb / 29P
[Old version datasheet]   SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ALS233B TI1-SN74ALS233B_16 Datasheet
752Kb / 18P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS2232A TI1-SN74ALS2232A Datasheet
130Kb / 9P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74V263 TI1-SN74V263_09 Datasheet
824Kb / 52P
[Old version datasheet]   3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SN74V263-EP TI1-SN74V263-EP Datasheet
702Kb / 49P
[Old version datasheet]   3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT2236 TI1-SN74ACT2236 Datasheet
238Kb / 14P
[Old version datasheet]   1024x9x2 ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
logo
Fairchild Semiconductor
AM3341 FAIRCHILD-AM3341 Datasheet
407Kb / 6P
   64 x 4 BITS FIRST-IN FIRST-OUT MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com