Zakładka z wyszukiwarką danych komponentów |
|
SN74AHC08-EP Arkusz danych(PDF) 1 Page - Texas Instruments |
|
|
SN74AHC08-EP Arkusz danych(HTML) 1 Page - Texas Instruments |
1 / 10 page SN74AHC08-EP QUADRUPLE 2-INPUT POSITIVE-AND GATE SCLS484 – JUNE 2003 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Controlled Baseline – One Assembly/Test Site, One Fabrication Site D Extended Temperature Performance of –55 °C to 125°C D Enhanced Diminishing Manufacturing Sources (DMS) Support D Enhanced Product-Change Notification D Qualification Pedigree† D Operating Range 2-V to 5.5-V VCC D EPIC (Enhanced-Performance Implanted CMOS) Process D Latch-Up Performance Exceeds 250 mA Per JESD 17 D ESD Protection Exceeds 2000 V Per MIL-STD-883, Method 3015; Exceeds 200 V Using Machine Model (C = 200 pF, R = 0) † Component qualification in accordance with JEDEC and industry standards to ensure reliable operation over an extended temperature range. This includes, but is not limited to, Highly Accelerated Stress Test (HAST) or biased 85/85, temperature cycle, autoclave or unbiased HAST, electromigration, bond intermetallic life, and mold compound life. Such qualification testing should not be viewed as justifying use of this component beyond specified performance and environmental limits. description/ordering information This device is a quadruple 2-input positive-AND gate that performs the Boolean function Y + A • BorY + A ) B in positive logic. ORDERING INFORMATION TA PACKAGE‡ ORDERABLE PART NUMBER TOP-SIDE MARKING 55 °Cto125°C SOIC – D Tape and reel SN74AHC08MDREP AHC08MEP –55 °C to 125°C TSSOP – PW Tape and reel SN74AHC08MPWREP AHC08EP ‡ Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. FUNCTION TABLE (each gate) INPUTS OUTPUT A B Y H H H L XL X L L Copyright 2003, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. EPIC is a trademark of Texas Instruments. 1 2 3 4 5 6 7 14 13 12 11 10 9 8 1A 1B 1Y 2A 2B 2Y GND VCC 4B 4A 4Y 3B 3A 3Y D OR PW PACKAGE (TOP VIEW) |
Podobny numer części - SN74AHC08-EP |
|
Podobny opis - SN74AHC08-EP |