Zakładka z wyszukiwarką danych komponentów |
|
LM317MBDTRK Arkusz danych(PDF) 10 Page - ON Semiconductor |
|
LM317MBDTRK Arkusz danych(HTML) 10 Page - ON Semiconductor |
10 / 14 page LM317M, NCV317MAB, NCV317MB http://onsemi.com 10 ORDERING INFORMATION Device Output Voltage Tolerance Operating Temperature Range Package Shipping† LM317MABDT 2% TJ = −40°C to 125°C DPAK 75 Units / Rail LM317MABDTG DPAK (Pb−Free) 75 Units / Rail LM317MABDTRK DPAK 2500 / Tape & Reel LM317MABDTRKG DPAK (Pb−Free) 2500 / Tape & Reel LM317MABT TO−220 50 Units / Rail LM317MABTG TO−220 (Pb−Free) 50 Units / Rail NCV317MABDTRKG* DPAK (Pb−Free) 2500 / Tape & Reel LM317MADTRK TJ = 0°C to 125°C DPAK 2500 / Tape & Reel LM317MADTRKG DPAK (Pb−Free) 2500 / Tape & Reel LM317MBDT 4% TJ = −40°C to 125°C DPAK 75 Units / Rail LM317MBDTG DPAK (Pb−Free) 75 Units / Rail LM317MBDTRK DPAK 2500 / Tape & Reel LM317MBDTRKG DPAK (Pb−Free) 2500 / Tape & Reel LM317MBSTT3 SOT−223 4000 / Tape & Reel LM317MBSTT3G SOT−223 (Pb−Free) 4000 / Tape & Reel LM317MBT TO−220 50 Units / Rail LM317MBTG TO−220 (Pb−Free) 50 Units / Rail NCV317MBDTG* DPAK (Pb−Free) 75 Units / Rail NCV317MBDTRK* DPAK 2500 / Tape & Reel NCV317MBDTRKG* DPAK (Pb−Free) 2500 / Tape & Reel NCV317MBSTT3G* SOT−223 (Pb−Free) 4000 / Tape & Reel LM317MDT TJ = 0°C to 125°C DPAK 75 Units / Rail LM317MDTG DPAK (Pb−Free) 75 Units / Rail LM317MDTRK DPAK 2500 / Tape & Reel LM317MDTRKG DPAK (Pb−Free) 2500 / Tape & Reel LM317MSTT3 SOT−223 4000 / Tape & Reel LM317MSTT3G SOT−223 (Pb−Free) 4000 / Tape & Reel LM317MT TO−220 50 Units / Rail LM317MTG TO−220 (Pb−Free) 50 Units / Rail †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specification Brochure, BRD8011/D. *NCV devices: Tlow = −40°C, Thigh = +125°C. Guaranteed by design. NCV prefix is for automotive and other applications requiring site and change controls. |
Podobny numer części - LM317MBDTRK |
|
Podobny opis - LM317MBDTRK |