Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14012BDR2G Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części MC14012BDR2G
Szczegółowy opis  Dual 4-Input NAND Gates
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14012BDR2G Arkusz danych(HTML) 5 Page - ON Semiconductor

  MC14012BDR2G Datasheet HTML 1Page - ON Semiconductor MC14012BDR2G Datasheet HTML 2Page - ON Semiconductor MC14012BDR2G Datasheet HTML 3Page - ON Semiconductor MC14012BDR2G Datasheet HTML 4Page - ON Semiconductor MC14012BDR2G Datasheet HTML 5Page - ON Semiconductor MC14012BDR2G Datasheet HTML 6Page - ON Semiconductor MC14012BDR2G Datasheet HTML 7Page - ON Semiconductor MC14012BDR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC14012B
http://onsemi.com
5
TYPICAL B−SERIES GATE CHARACTERISTICS
N−CHANNEL DRAIN CURRENT (SINK)
P−CHANNEL DRAIN CURRENT (SOURCE)
−40°C
+85°C
+125°C
Figure 5. VGS = 5.0 Vdc
Figure 6. VGS = − 5.0 Vdc
1.0
3.0
5.0
4.0
2.0
0
1.0
3.0
5.0
4.0
2.0
0
VDS, DRAIN−TO−SOURCE VOLTAGE (Vdc)
−1.0
0
0
TA = −55°C
Figure 7. VGS = 10 Vdc
Figure 8. VGS = − 10 Vdc
16
14
12
10
8.0
6.0
4.0
2.0
0
5.0
3.0
1.0
10
8.0
6.0
4.0
2.0
0
0
0
Figure 9. VGS = 15 Vdc
Figure 10. VGS = − 15 Vdc
0
0
0
0
−40°C
+25
°C
+85°C
+125°C
−1.0
−3.0
−5.0
−4.0
−2.0
VDS, DRAIN−TO−SOURCE VOLTAGE (Vdc)
TA = −55°C
+25°C
TA = −55°C
−40°C
+25°C
+85°C
+125°C
VDS, DRAIN−TO−SOURCE VOLTAGE (Vdc)
VDS, DRAIN−TO−SOURCE VOLTAGE (Vdc)
VDS, DRAIN-TO-SOURCE VOLTAGE (Vdc)
VDS, DRAIN-TO-SOURCE VOLTAGE (Vdc)
TA = −55°C
−40°C
+ 25°C
+85°C
+125°C
18
20
9.0
7.0
−5.0
−3.0
−1.0
−10
−8.0
−6.0
−4.0
−2.0
−9.0
−7.0
−40
−35
−30
−25
−20
−15
−10
−5.0
−45
−50
10
6.0
2.0
20
16
12
8.0
4.0
18
14
TA = −55°C
−40°C
+25°C
+85°C
−10
−6.0
−2.0
−20
−16
−12
−8.0
−4.0
−18
−14
- 80
- 70
- 60
- 50
- 40
- 30
- 20
- 10
- 90
- 100
40
35
30
25
20
15
10
5.0
45
50
TA = −55°C
−40°C
+25°C
+85°C
−2.0
−3.0
−4.0
−5.0
−6.0
−7.0
−8.0
−9.0
−10
+125°C
+125°C
These typical curves are not guarantees, but are design aids.
Caution: The maximum rating for output current is 10 mA per pin.


Podobny numer części - MC14012BDR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14012BDR2G ONSEMI-MC14012BDR2G Datasheet
150Kb / 9P
   B?뭆uffix Series CMOS Gates
October, 2006 ??Rev. 7
MC14012BDR2G ONSEMI-MC14012BDR2G Datasheet
105Kb / 7P
   Dual 4-Input NAND Gates
July, 2014 ??Rev. 11
More results

Podobny opis - MC14012BDR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
U74HCT20 UTC-U74HCT20_15 Datasheet
167Kb / 4P
   DUAL 4-INPUT NAND GATES
U74HCT20 UTC-U74HCT20 Datasheet
167Kb / 4P
   DUAL 4-INPUT NAND GATES
logo
Texas Instruments
54LS20J TI1-54LS20J Datasheet
336Kb / 8P
[Old version datasheet]   Dual 4-Input NAND Gates
logo
Unisonic Technologies
U74HC20 UTC-U74HC20 Datasheet
172Kb / 5P
   DUAL 4-INPUT NAND GATES
U74AHC2G125 UTC-U74AHC2G125_15 Datasheet
160Kb / 4P
   DUAL 4-INPUT NAND GATES
U74HC20 UTC-U74HC20_15 Datasheet
191Kb / 5P
   DUAL 4-INPUT NAND GATES
logo
Aeroflex Circuit Techno...
UT54ACS20 AEROFLEX-UT54ACS20 Datasheet
229Kb / 9P
   Dual 4-Input NAND Gates
logo
Hitachi Semiconductor
HD74HC20 HITACHI-HD74HC20 Datasheet
45Kb / 8P
   Dual 4-input NAND Gates
logo
National Semiconductor ...
54LS20 NSC-54LS20 Datasheet
124Kb / 6P
   Dual 4-Input NAND Gates
logo
ON Semiconductor
MC14012B ONSEMI-MC14012B_14 Datasheet
105Kb / 7P
   Dual 4-Input NAND Gates
July, 2014 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com