Zakładka z wyszukiwarką danych komponentów |
|
SN74ALS15AD Arkusz danych(PDF) 1 Page - Texas Instruments |
|
SN74ALS15AD Arkusz danych(HTML) 1 Page - Texas Instruments |
1 / 4 page SN54ALS15A, SN74ALS15A TRIPLE 3INPUT POSITIVEAND GATES WITH OPENCOLLECTOR OUTPUTS SDAS016A − MARCH 1984 − REVISED MAY 1986 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77001 Copyright 1986, Texas Instruments Incorporated 5BASIC 1 • Package Options Include Plastic Small Outline Packages, Ceramic Chip Carriers, and Standard Plastic and Ceramic 300-mil DIPs • Dependable Texas Instruments Quality and Reliability description These devices contain three independent 3-input AND gates with open-collector outputs. These gates perform the Boolean functions Y = A •B•C or Y = A+B+C in positive logic. The open-collector outputs require pullup resistors to perform correctly. They may be connected to other open-collector outputs to implement active-low wired-OR or active-high wired-AND functions. Open-collector devices are often used to generate higher VOH levels. The SN54ALS15A is characterized for operation over the full military temperature range of − 55 °C to 125 °C. The SN74ALS15A is characterized for operation from 0 °C to 70°C. FUNCTION TABLE (each gate) INPUTS OUTPUT A B C Y H H H H L XX L X LX L X X L L logic symbol† 11 3C & 8 3Y 6 2Y 12 1Y 3B 10 3A 9 2C 5 2B 4 2A 3 1C 13 2 1B 1A 1 † This symbol is in accordance with ANS/EEE Std 91-1984 and IEC Publication 617-12 Pin numbers shown are for D, J, and N packages. 3B 2B 1B 3A 3C 3Y 2A 2C 2Y 1Y 1C 1A logic diagram (positive logic) 1 2 3 4 5 6 7 14 13 12 11 10 9 8 1A 1B 2A 2B 2C 2Y GND VCC 1C 1Y 3C 3B 3A 3Y SN54ALS15A ...J PACKAGE SN74ALS15 ...D OR N PACKAGE (TOP VIEW) 3 2 1 20 19 910 11 12 13 4 5 6 7 8 18 17 16 15 14 1Y NC 3C NC 3B 2A NC 2B NC 2C SN54ALS15A . . . FK PACKAGE (TOP VIEW) NC − No internal connection PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Podobny numer części - SN74ALS15AD |
|
Podobny opis - SN74ALS15AD |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |