Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SLAS753A Arkusz danych(PDF) 5 Page - Texas Instruments

Numer części SLAS753A
Szczegółowy opis  MIXED SIGNAL MICROCONTROLLER
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SLAS753A Arkusz danych(HTML) 5 Page - Texas Instruments

  SLAS753A Datasheet HTML 1Page - Texas Instruments SLAS753A Datasheet HTML 2Page - Texas Instruments SLAS753A Datasheet HTML 3Page - Texas Instruments SLAS753A Datasheet HTML 4Page - Texas Instruments SLAS753A Datasheet HTML 5Page - Texas Instruments SLAS753A Datasheet HTML 6Page - Texas Instruments SLAS753A Datasheet HTML 7Page - Texas Instruments SLAS753A Datasheet HTML 8Page - Texas Instruments SLAS753A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
MSP430G22x0
www.ti.com
SLAS753D – JANUARY 2012 – REVISED AUGUST 2012
Table 3. Terminal Functions, MSP430G2230(1)
TERMINAL
NO.
DESCRIPTION
NAME
I/O
D
P1.2/
General-purpose digital I/O pin
2
I/O
TA0.1/
Timer_A, capture: CCI1A input, compare Out1 output
A2
ADC10 analog input A2
P1.5/
General-purpose digital I/O pin
TA0.0/
Timer_A, compare Out0 output
3
I/O
A5/
ADC10 analog input A5
SCLK
USI: clock input in I2C mode; clock input/output in SPI mode
P1.6/
General-purpose digital I/O pin
TA0.1/
Timer_A, capture: CCI1B input, compare: Out1 output
4
I/O
A6/
ADC10 analog input A6
SDO/
USI: Data output in SPI mode
SCL
USI: I2C clock in I2C mode
P1.7/
General-purpose digital I/O pin
A7/
ADC10 analog input A7
5
I/O
SDI/
USI: Data input in SPI mode
SDA
USI: Data input in I2C mode
RST/
Reset input
6
I
NMI/
Nonmaskable interrupt input
SBWTDIO
Spy-Bi-Wire test data input/output during programming and test
TEST/
Selects test mode for JTAG pins on Port 1. The device protection fuse is connected to TEST.
7
I
SBWTCK
Spy-Bi-Wire test clock input during programming and test
DVCC
1
Digital supply voltage
DVSS
8
Digital ground reference
(1)
The GPIOs P1.0, P1.1, P1.3, P1.4, P2.6, and P2.7 are implemented but not available on the device pinout. To avoid floating inputs,
these digital I/Os should be properly configured. The pullup or pulldown resistors of the unbounded P1.x GPIOs should be enabled, and
the VLO should be selected as the ACLK source (see the MSP430x2xx Family User's Guide (SLAU144)).
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5


Podobny numer części - SLAS753A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SLAS191A TI1-SLAS191A Datasheet
493Kb / 86P
[Old version datasheet]   Starter Kit Evaluation Kit Manual
SLAS191A TI-SLAS191A Datasheet
493Kb / 86P
[Old version datasheet]   Starter Kit Evaluation Kit Manual
logo
ON Semiconductor
SLAS5223 ONSEMI-SLAS5223 Datasheet
151Kb / 10P
   Ultra-Low Dual SPDT Analog Switch
October, 2013 ??Rev. 0
SLAS5223MNR2G ONSEMI-SLAS5223MNR2G Datasheet
151Kb / 10P
   Ultra-Low Dual SPDT Analog Switch
October, 2013 ??Rev. 0
logo
List of Unclassifed Man...
SLASC1 ETC2-SLASC1 Datasheet
39Kb / 1P
   2.0mm Ceramic Surface Mount Crystal
More results

Podobny opis - SLAS753A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com