Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA2513M Arkusz danych(PDF) 6 Page - Sony Corporation

Numer części CXA2513M
Szczegółowy opis  3-Band Preset Graphic Equalizer IC (with standby and memory on last preset mode)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2513M Arkusz danych(HTML) 6 Page - Sony Corporation

Back Button CXA2513M Datasheet HTML 2Page - Sony Corporation CXA2513M Datasheet HTML 3Page - Sony Corporation CXA2513M Datasheet HTML 4Page - Sony Corporation CXA2513M Datasheet HTML 5Page - Sony Corporation CXA2513M Datasheet HTML 6Page - Sony Corporation CXA2513M Datasheet HTML 7Page - Sony Corporation CXA2513M Datasheet HTML 8Page - Sony Corporation CXA2513M Datasheet HTML 9Page - Sony Corporation CXA2513M Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
– 6 –
CXA2513M
Electrical Characteristics (Ta = 27°C, VCC = 8V, C = 22µF)
Symbol
ICC (STANDBY)
ICC (FLAT)
Vout (max.)
GE (FLAT) B
GE (FLAT) M
GE (FLAT) T
GE (POP) M
GE (POP) T
GE (ROCK) B
GE (ROCK) T
GE (VOCAL) B
GE (VOCAL) M
GE (JAZZ) B
GE (JAZZ) M
GE (JAZZ) T
Bal
∆fO
THD
VNOIS (FLAT)
CS
PSRR
ILED
Vmute (off)
Vmute (on)
Vstandby (off)
Current consumption
Current consumption
Maximum output level
Balance
Center frequency deviation
Total harmonic distortion
Noise level
Channel separation
Power supply ripple
rejection
Maximum LED drive
current
Mute off voltage
Mute on voltage
Standby off voltage
Standby pin is low - No input
FLAT mode - No input
FLAT preset mode, f = 1kHz @
THD = 1%, RL = 10k
Vin = 0.05Vrms, fO = 100Hz
Vin = 0.05Vrms, fO = 1kHz
Vin = 0.05Vrms, fO = 10kHz
Vin = 0.05Vrms, fO = 0.8 to 1.2kHz
Vin = 0.05Vrms, fO = 0.8 to 12kHz
Vin = 0.05Vrms, fO = 0.8 to 120Hz
Vin = 0.05Vrms, fO = 0.8 to 12kHz
Vin = 0.05Vrms, fO = 0.8 to 120Hz
Vin = 0.05Vrms, fO = 0.8 to 1.2kHz
Vin = 0.05Vrms, fO = 0.8 to 120Hz
Vin = 0.05Vrms, fO = 0.8 to 1.2kHz
Vin = 0.05Vrms, fO = 0.8 to 12kHz
GE (Out1) – GE (Out2)
RL = 10k
Ω, FLAT preset mode,
f = 1kHz, Vin = 0.1Vrms
RL = 10k
Ω, FLAT preset mode,
DIN AUDIO filter, Vin = 0Vrms
Vin = 0.1Vrms at 1kHz,
FLAT preset mode
Vin = 0.1Vrms at 100Hz,
FLAT preset mode
Current flowing through LED
connected to a switch depressed
Vm_det+ = 1/4VCC and
Vm_det– = 1/2VCC
Vm_det+ = 3/4VCC and
Vm_det– = 1/2VCC
ICC goes from standing to normal
operation
2.7
12.6
12.55
12.5
16.5
18.0
21.0
20.0
14.5
20.0
16.2
15.5
5.5
–1
–20
40
40
15
6.8
3
17.5
9.6
3.0
14.6
14.55
14.5
19.0
21.0
24.0
23.0
17.0
23.0
18.7
18.0
8.0
0
0
0.25
19
47
46
0
7.1
45.0
14.0
16.6
16.55
16.5
21.5
24.0
27.0
26.0
19.5
26.0
21.2
20.5
10.5
1
20
1
55
0.1
µA
mA
Vpeak
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
%
%
µVrms
dB
dB
mA
V
V
V
Parameter
Measurement conditions
Min.
Typ.
Max.
Unit
Normal
Bass
Mid
Treble
Mid Boost
Treble Boost
Bass Boost
Treble Boost
Bass Boost
Mid Boost
Bass Boost
Mid Boost
Treble Cut
POP
ROCK
VOCAL
JAZZ


Podobny numer części - CXA2513M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA2510AQ SONY-CXA2510AQ Datasheet
447Kb / 21P
   Dolby B Type Noise Reduction System with Playback Equalizer Amplifier
CXA2511AQ SONY-CXA2511AQ Datasheet
565Kb / 21P
   Dolby B-C Type Noise Reduction System with Playback Equalizer Amplifier
CXA2515AM SONY-CXA2515AM Datasheet
270Kb / 13P
   RF Amplifier for CD Player and CD-ROM
CXA2515AN SONY-CXA2515AN Datasheet
270Kb / 13P
   RF Amplifier for CD Player and CD-ROM
More results

Podobny opis - CXA2513M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Princeton Technology Co...
PT2381 PTC-PT2381 Datasheet
338Kb / 3P
   4-Mode Preset Equalizer IC?
logo
Silan Microelectronics ...
SC5388 SILAN-SC5388 Datasheet
155Kb / 9P
   5-MODE PRESET EQUALIZER IC
logo
Princeton Technology Co...
PT2388 PTC-PT2388 Datasheet
112Kb / 4P
   5-Mode Preset Equalizer IC???
PT2388 PTC-PT2388_10 Datasheet
308Kb / 9P
   5-Mode Preset Equalizer IC
PT2380 PTC-PT2380 Datasheet
272Kb / 11P
   4 Mode Preset Equalizer IC
logo
Toshiba Semiconductor
TA2078P TOSHIBA-TA2078P Datasheet
197Kb / 6P
   PRESET EQUALIZER IC
logo
Princeton Technology Co...
PT2381 PTC-PT2381_10 Datasheet
292Kb / 13P
   4-Mode Preset Equalizer IC
logo
Rohm
BA3840KV ROHM-BA3840KV Datasheet
146Kb / 8P
   Preset graphic equalizer for headphone stereos
logo
List of Unclassifed Man...
CD7388CP ETC2-CD7388CP Datasheet
393Kb / 7P
   Five preset mode equalizer circuit
logo
Silan Microelectronics ...
SC5389 SILAN-SC5389 Datasheet
158Kb / 10P
   5-MODE PRESET EQUALIZER IC WITH BASS BOOSTER & 3D EFFECTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com