Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL3152E Arkusz danych(PDF) 4 Page - Intersil Corporation

Numer części ISL3152E
Szczegółowy opis  Intersil?셲 Solutions for Industrial Process Control
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3152E Arkusz danych(HTML) 4 Page - Intersil Corporation

  ISL3152E Datasheet HTML 1Page - Intersil Corporation ISL3152E Datasheet HTML 2Page - Intersil Corporation ISL3152E Datasheet HTML 3Page - Intersil Corporation ISL3152E Datasheet HTML 4Page - Intersil Corporation ISL3152E Datasheet HTML 5Page - Intersil Corporation ISL3152E Datasheet HTML 6Page - Intersil Corporation ISL3152E Datasheet HTML 7Page - Intersil Corporation ISL3152E Datasheet HTML 8Page - Intersil Corporation ISL3152E Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
INTERSIL SELECTION GUIDE | INDUSTRIAL PROCESS CONTROL SOLUTIONS
4 | www.intersil.com/industrial_process_control
Mixed Signal High Voltage - Quad Op Amps to 24-bit Sigma Delta
Analog Input
Analog Output
Control
Sensors
Power
VREF ISL21090
ISL21009
ADC
ISL26132/134
ISL26102/104
24-bit
Low Noise
∆∑
Low Noise VREF
2.5V
-15V
+15V
-15V
+15V
ISL28417
+15V
- 15V
DG408
Gnd
+10V to +15V
Gnd
ISL28408
+15V
- 15V
DG408
+5V
ISL28210 (±5V to ±20V)
+15V
- 15V
DG408
-5V
+5V
-5V
+5V
-5V
+5V
-5V
ISL28210
ISL28218
ISL28134
Gnd
V+
Dual Supply
to Single Supply
Attenuator
Gnd
V+
VREF ISL21090
ISL21009
2.5V
Vo+
Vo-
Vin+
Vin-
VREF ISL21090
ISL21009
ADC
ISL26132/134
ISL26102/104
24-bit
Low Noise
∆∑
Low Noise VREF
2.5V
ISL28218
ISL28134
Gnd
V+
Dual Supply
to Single Supply
Attenuator
Gnd
V+
VREF ISL21090
ISL21009
2.5V
Vo+
Vo-
Vin+
Vin-
VREF ISL21090
ISL21009
ADC
ISL26132/134
ISL26102/104
24-bit
Low Noise
∆∑
Low Noise VREF
2.5V
ISL28218
ISL28134
Gnd
V+
Dual Supply
to Single Supply
Attenuator
Gnd
V+
VREF ISL21090
ISL21009
2.5V
Vo+
Vo-
Vin+
Vin-
Low Noise Delta Sigma 24-bit Converters and Low Noise ADC Drivers
4 to 256
CHANNELS
+15V
-15V
+15V
-15V
+5V
OR
Hi Voltage LDO
ISL78307
Isolated HV Dual
Supply
ISL6844
Non-Isolated HV
Dual Supply
ISL97701
Dual Supply Voltage Inputs
±10V Analog Input
• Low Noise
• Low Power
• Low Offset
• Low Offset Drift
Single Supply Voltage Inputs
0V to 10V Analog Input
• Low Noise
• Low Offset
• Ground Sense Inputs
• Rail-Rail Output
• Low Power Option
Dual Supply Voltage Inputs
High Impedance
±5V Analog Input
• Low Noise
• Low Offset
• Low Bias Current
PLC (Program Logic Controllers) Application


Podobny numer części - ISL3152E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL3152E INTERSIL-ISL3152E Datasheet
896Kb / 20P
   짹16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL3152E INTERSIL-ISL3152E Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL3152E INTERSIL-ISL3152E Datasheet
210Kb / 4P
   World?셲 Most Power-Effi cient
ISL3152E INTERSIL-ISL3152E Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL3152E INTERSIL-ISL3152E Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
More results

Podobny opis - ISL3152E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SP22GS-10K ETC2-SP22GS-10K Datasheet
146Kb / 2P
   Solutions for Industrial Automation
logo
Analog Devices
ADP2443 AD-ADP2443 Datasheet
802Kb / 25P
   Process control and industrial automation
logo
Panasonic Semiconductor
BR2032-F2N PANASONIC-BR2032-F2N Datasheet
104Kb / 4P
   INDUSTRIAL SOLUTIONS
logo
PANDUIT CORP.
T12F-C PANDUIT-T12F-C Datasheet
421Kb / 6P
   Industrial Electrical Solutions
logo
Exar Corporation
XRP7713 EXAR-XRP7713 Datasheet
2Mb / 6P
   Exar?셲 PowerXR D igital Power Solutions
logo
Bel Fuse Inc.
LDT481 BEL-LDT481 Datasheet
660Kb / 4P
   Process Control
logo
AVX Corporation
00-9286 AVX-00-9286 Datasheet
529Kb / 5P
   Industrial/Machine Control; motors, solenoids, PLC?셲, pumps, valves, sensors, fans?
logo
Vicor Corporation
V24C12H100B VICOR-V24C12H100B Datasheet
840Kb / 14P
   Industrial and process control, distributed power, medical, ATE, communications,
V24C28T100BG VICOR-V24C28T100BG Datasheet
840Kb / 14P
   Industrial and process control, distributed power, medical, ATE, communications,
V28C5T50BL VICOR-V28C5T50BL Datasheet
769Kb / 11P
   Industrial and process control, distributed power, medical, ATE, communications,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com