Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA2534Q Arkusz danych(PDF) 9 Page - Sony Corporation

Numer części CXA2534Q
Szczegółowy opis  4-Channel CD Motor Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2534Q Arkusz danych(HTML) 9 Page - Sony Corporation

Back Button CXA2534Q Datasheet HTML 5Page - Sony Corporation CXA2534Q Datasheet HTML 6Page - Sony Corporation CXA2534Q Datasheet HTML 7Page - Sony Corporation CXA2534Q Datasheet HTML 8Page - Sony Corporation CXA2534Q Datasheet HTML 9Page - Sony Corporation CXA2534Q Datasheet HTML 10Page - Sony Corporation CXA2534Q Datasheet HTML 11Page - Sony Corporation CXA2534Q Datasheet HTML 12Page - Sony Corporation CXA2534Q Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
—9—
CXA2534Q
Pin
No.
37
38
39
40
Symbol
SEL
BSEN
BATT
SW
Pin
Voltage
Batt
2.4 V
Equivalent circuit
Description
Detection input pin for battery or AC
adapter operation and Battery charging
current output pin
Detection input pin for battery empty
detection
Battery input pin
DC to DC controller output pulses
68k
BATT
220k
30k
37
BATT
71k
10k
19k
11.5k
38
16.5k
BATT BATT
BATT
250
9k
40


Podobny numer części - CXA2534Q

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cree, Inc
CXA2530 CREE-CXA2530 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA2530 LED
CXA2530 CREE-CXA2530 Datasheet
1Mb / 15P
   Retail Track Light Reference Design
CXA2530-0000-000N00S20E8 CREE-CXA2530-0000-000N00S20E8 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA2530 LED
CXA2530-0000-000N00S227F CREE-CXA2530-0000-000N00S227F Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA2530 LED
CXA2530-0000-000N00S227F CREE-CXA2530-0000-000N00S227F Datasheet
1Mb / 15P
   Retail Track Light Reference Design
More results

Podobny opis - CXA2534Q

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Aimtron Technology
AT5683 AIMTRON-AT5683 Datasheet
227Kb / 6P
   4-channel BTL Motor Driver for CD/CD-ROM
logo
List of Unclassifed Man...
AT5654 ETC1-AT5654 Datasheet
564Kb / 12P
   4-CHANNEL BTL MOTOR DRIVER FOR CD-ROM
logo
Silan Microelectronics ...
SA5901 SILAN-SA5901 Datasheet
386Kb / 24P
   4-CHANNEL MOTOR DRIVER FOR PORTABLE CD PLAYER
logo
List of Unclassifed Man...
W43023 ETC2-W43023 Datasheet
518Kb / 9P
   4-Channel BTL Motor Driver for CD-ROM
logo
Ceramate Technical
CMD5954 CERAMATE-CMD5954 Datasheet
768Kb / 9P
   4-Channel BTL Motor Driver for CD-ROM
logo
BCD Semiconductor Manuf...
AZ5954 BCDSEMI-AZ5954 Datasheet
175Kb / 13P
   4-CHANNEL BTL MOTOR DRIVER FOR CD-ROM/DVD
logo
Unisonic Technologies
UA1538 UTC-UA1538 Datasheet
358Kb / 18P
   4-CH MOTOR DRIVER FOR PORTABLE CD PLAYERS
logo
Minilogic Device Corpor...
ML1538 MINILOGIC-ML1538 Datasheet
1Mb / 17P
   4-ch Motor Driver for Portable CD players
logo
Unisonic Technologies
MM1538 UTC-MM1538 Datasheet
393Kb / 21P
   4-CH MOTOR DRIVER FOR PORTABLE CD PLAYERS
logo
Wuxi Youda electronics ...
YD5901 YOUDA-YD5901 Datasheet
125Kb / 10P
   4-ch MOTOR DRIVER FOR PORTABLE CD PLAYERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com