Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA2559 Arkusz danych(PDF) 11 Page - Sony Corporation

Numer części CXA2559
Szczegółowy opis  Playback Equalizer Amplifier with Music Sensor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2559 Arkusz danych(HTML) 11 Page - Sony Corporation

Back Button CXA2559 Datasheet HTML 7Page - Sony Corporation CXA2559 Datasheet HTML 8Page - Sony Corporation CXA2559 Datasheet HTML 9Page - Sony Corporation CXA2559 Datasheet HTML 10Page - Sony Corporation CXA2559 Datasheet HTML 11Page - Sony Corporation CXA2559 Datasheet HTML 12Page - Sony Corporation CXA2559 Datasheet HTML 13Page - Sony Corporation CXA2559 Datasheet HTML 14Page - Sony Corporation CXA2559 Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
– 11 –
CXA2559Q
Application Circuit
45k
300k
G2FB
G1FB
PBGND
PBFB2
GND
GND
BIAS
FWD/RVS
×1
MUTE
TAPE EQ
MS MODE
24dB
LPF
×1
VCC
T2
F3
T1
F2
F1
C4
470p
C3
470p
R3
100k
R4
100k
PBRIN2
MSMODE
PBFIN2
VCT
PBREF
PBFIN1
PBGND
PBRIN1
PBFB1
DRSW
TAPESW
MUTESW
NC
MSOUT
MSTC
RVS2
FWD2
C5
22µ
FWD1
RVS1
C2
470p
C1
470p
R1
100k
R2
100k
R5
180
C6
0.01µ
LINEOUT1
GND
GND
C8
0.1µ
C10
22µ
C11
0.47µ
C13
0.1µ
C17
120p
C7
0.01µ
C9
0.1µ
C12
0.47µ
R9
18k
LINEOUT2
21
22
23
24
25
26
27
28
29
30
40
39
38
37
36
35
34
31
32
33
11
12
13
14
15
16
17
18
19
20
2
3
4
5
6
7
8
9
10
1
R12
1MEG
To Microcomputer
DVCC
From
Microcomputer
R8
10k
R7
10k
R6
180
DET
MS ON/
OFF
Vcc
C20
4.7n
R11
39k
GND
GND
C19
0.47µ
R10
3.9k
R13
100k
C18
0.1µ
100k
30k
30k
100k
300k
7k/12k
7k/12k
24dB
NC
Application circuits shown are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for
any problems arising out of the use of these circuits or for any infringement of third party patent and other right due to same.


Podobny numer części - CXA2559

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA2550M SONY-CXA2550M Datasheet
214Kb / 15P
   RF Amplifier for CD Players
CXA2550N SONY-CXA2550N Datasheet
214Kb / 15P
   RF Amplifier for CD Players
CXA2555Q SONY-CXA2555Q Datasheet
331Kb / 22P
   RF Amplifier for CD Player/CD-ROM
CXA2556 SONY-CXA2556 Datasheet
318Kb / 22P
   RF Amplifier for CD Player/CD-ROM
CXA2556Q SONY-CXA2556Q Datasheet
318Kb / 22P
   RF Amplifier for CD Player/CD-ROM
More results

Podobny opis - CXA2559

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA2509AQ SONY-CXA2509AQ Datasheet
433Kb / 21P
   Playback Equalizer Amplifier with Music Sensor
CXA1898Q SONY-CXA1898Q Datasheet
660Kb / 26P
   Recording/Playback Equalizer Amplifier
CXA1998BQ SONY-CXA1998BQ Datasheet
488Kb / 28P
   Recording/Playback Equalizer Amplifier
CXA1998AQ SONY-CXA1998AQ Datasheet
695Kb / 28P
   Recording/Playback Equalizer Amplifier
CXA2510AQ SONY-CXA2510AQ Datasheet
447Kb / 21P
   Dolby B Type Noise Reduction System with Playback Equalizer Amplifier
CXA2560Q SONY-CXA2560Q Datasheet
310Kb / 19P
   Dolby B Type Noise Reduction System with Playback Equalizer Amplifier
CXA1498S SONY-CXA1498S Datasheet
378Kb / 13P
   Recording/Playback Equalizer Amplifier for Stereo Tape Recorder
CXA2511AQ SONY-CXA2511AQ Datasheet
565Kb / 21P
   Dolby B-C Type Noise Reduction System with Playback Equalizer Amplifier
CXA2561Q SONY-CXA2561Q Datasheet
324Kb / 20P
   Dolby B-C Type Noise Reduction System with Playback Equalizer Amplifier
CXA1878Q SONY-CXA1878Q Datasheet
1Mb / 36P
   Dolby B-C Type Noise Reduction System with Recording/Playback Equalizer Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com