Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA2561Q Arkusz danych(PDF) 5 Page - Sony Corporation

Numer części CXA2561Q
Szczegółowy opis  Dolby B-C Type Noise Reduction System with Playback Equalizer Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2561Q Arkusz danych(HTML) 5 Page - Sony Corporation

  CXA2561Q Datasheet HTML 1Page - Sony Corporation CXA2561Q Datasheet HTML 2Page - Sony Corporation CXA2561Q Datasheet HTML 3Page - Sony Corporation CXA2561Q Datasheet HTML 4Page - Sony Corporation CXA2561Q Datasheet HTML 5Page - Sony Corporation CXA2561Q Datasheet HTML 6Page - Sony Corporation CXA2561Q Datasheet HTML 7Page - Sony Corporation CXA2561Q Datasheet HTML 8Page - Sony Corporation CXA2561Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
– 5 –
CXA2561Q
Pin
No.
Symbol
Typical pin voltage
I/O
I/O
resis-
tance
Equivalent circuit
Description
DC
AC
11
12
G2FB
G1FB
——
Music signal interval
detection level
setting.
4.0V
GND
500
Vcc
147
500
11
12
13
MSTC
Time constant for
detecting the music
signal interval.
13
GND
147
10k
Vcc
853
14
MSOUT
O—
Music sensor
output.
0.2V
when a
signal is
detected;
DVcc
when no
signal is
detected.
GND
Vcc
14
15
NRMODE
I
100k
Dolby NR mode
control.
Low (open):
Dolby B NR
High: Dolby C NR
17
MUTESW
Mute function
control.
Low (open):
Mute OFF
High: Mute ON
21
MSSW
Music sensor
control.
Low (open): MS ON
High: MS OFF
18
TAPESW
Playback equalizer
amplifier control.
Low (open): 70µs
High: 120µs
0.0V
when
open.
18
15
21
GND
100k
Vcc
147
17
(Ta = 25°C, VCC = 8.0V, DVCC = 5.0V)


Podobny numer części - CXA2561Q

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA2560 SONY-CXA2560 Datasheet
310Kb / 19P
   Dolby B Type Noise Reduction System with Playback Equalizer Amplifier
CXA2560Q SONY-CXA2560Q Datasheet
310Kb / 19P
   Dolby B Type Noise Reduction System with Playback Equalizer Amplifier
CXA2566M SONY-CXA2566M Datasheet
153Kb / 12P
   Headphone Stereos
CXA2568M SONY-CXA2568M Datasheet
262Kb / 17P
   RF Amplifier for CD Players
More results

Podobny opis - CXA2561Q

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA2511AQ SONY-CXA2511AQ Datasheet
565Kb / 21P
   Dolby B-C Type Noise Reduction System with Playback Equalizer Amplifier
CXA2510AQ SONY-CXA2510AQ Datasheet
447Kb / 21P
   Dolby B Type Noise Reduction System with Playback Equalizer Amplifier
CXA1911Q SONY-CXA1911Q Datasheet
334Kb / 18P
   Dolby B/C Type Noise Reduction System with Playback Equalizer
CXA2560Q SONY-CXA2560Q Datasheet
310Kb / 19P
   Dolby B Type Noise Reduction System with Playback Equalizer Amplifier
CXA1580Q SONY-CXA1580Q Datasheet
351Kb / 17P
   Dolby B Type Noise Reduction System with Playback Equalizer
CXA1980Q SONY-CXA1980Q Datasheet
233Kb / 17P
   Dolby B Type Noise Reduction System with Playback Equalizer
CXA1878Q SONY-CXA1878Q Datasheet
1Mb / 36P
   Dolby B-C Type Noise Reduction System with Recording/Playback Equalizer Amplifier
CXA1910Q SONY-CXA1910Q Datasheet
387Kb / 18P
   Dolby B Type Noise Reduction System with Playback Equalizer
CXA1897Q SONY-CXA1897Q Datasheet
396Kb / 22P
   Dolby B Type Noise Reduction System with Recording/Playback Equalizer
CXA1797Q SONY-CXA1797Q Datasheet
737Kb / 31P
   Dolby B-C Type Noise Reduction System with Recording Equalizer Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com