Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA2568M Arkusz danych(PDF) 4 Page - Sony Corporation

Numer części CXA2568M
Szczegółowy opis  RF Amplifier for CD Players
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2568M Arkusz danych(HTML) 4 Page - Sony Corporation

  CXA2568M Datasheet HTML 1Page - Sony Corporation CXA2568M Datasheet HTML 2Page - Sony Corporation CXA2568M Datasheet HTML 3Page - Sony Corporation CXA2568M Datasheet HTML 4Page - Sony Corporation CXA2568M Datasheet HTML 5Page - Sony Corporation CXA2568M Datasheet HTML 6Page - Sony Corporation CXA2568M Datasheet HTML 7Page - Sony Corporation CXA2568M Datasheet HTML 8Page - Sony Corporation CXA2568M Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
—4—
CXA2568M
Pin
Symbol
IO
Equivalent circuit
Description
No.
5
6
7
8
9
10
11
23
12
A
B
C
D
VEE
TE
E
LC/PD
VC
I
I
I
I
I
I
I
O
Input pin of RF and FE
amplifiers for Pins 5, 6,
7 and 8.
VEE.
Input pin of tracking
error amplifier for Pins
10 and 11.
An external resistor for
V-I conversion should
be connected because
these pins are for
current input.
Pin 23 is a bias for LC
when connected to VCC
and for PD IC when left
open.
DC voltage output pin of
(VCC+VEE)/2.
Connect to GND when
dual power supply (±2.5
V) is used; connect a
smoothing capacitor
when single power
supply (+5 V) is used.
A
24k
23.2k
B
24k
23.2k
C
24k
23.2k
D
24k
23.2k
14k
100µ
VC
4.2k
VEE
VEE
VCC
VCC
VCC
VCC
174k
25p
VC
174k
25p
5
6
7
8
147
147
23
820k
820k
VEE
VCC
VCC
403k
12p
96.3k
VC
VEE
96.3k
VC
VCC
VCC
12p
VCC VCC
10
VCC VCC
11
403k
12
147
120
120
VCC
VEE
VCC
16k
15k
200µ


Podobny numer części - CXA2568M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA2560 SONY-CXA2560 Datasheet
310Kb / 19P
   Dolby B Type Noise Reduction System with Playback Equalizer Amplifier
CXA2560Q SONY-CXA2560Q Datasheet
310Kb / 19P
   Dolby B Type Noise Reduction System with Playback Equalizer Amplifier
CXA2561Q SONY-CXA2561Q Datasheet
324Kb / 20P
   Dolby B-C Type Noise Reduction System with Playback Equalizer Amplifier
CXA2566M SONY-CXA2566M Datasheet
153Kb / 12P
   Headphone Stereos
More results

Podobny opis - CXA2568M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA2521Q SONY-CXA2521Q Datasheet
742Kb / 17P
   RF Amplifier for CD Players
CXA2596M SONY-CXA2596M Datasheet
278Kb / 17P
   RF Amplifier for CD Players
CXA2550M SONY-CXA2550M Datasheet
214Kb / 15P
   RF Amplifier for CD Players
CXA1791M SONY-CXA1791M Datasheet
245Kb / 12P
   RF AMPLIFIER FOR CD PLAYERS
CXA1821M SONY-CXA1821M Datasheet
220Kb / 13P
   RF Amplifier for CD Players
CXA1782CQ SONY-CXA1782CQ Datasheet
763Kb / 31P
   RF Signal Processing Servo Amplifier for CD players
logo
Rohm
BA6387K ROHM-BA6387K Datasheet
153Kb / 13P
   Preservo amplifier for CD players
logo
Sony Corporation
CXA1982Q SONY-CXA1982Q Datasheet
652Kb / 30P
   RF Signal Processing Servo Amplifier for CD players
logo
Rohm
BA6386K ROHM-BA6386K Datasheet
214Kb / 13P
   Preservo amplifier for CD players
logo
Sony Corporation
CXA2581N SONY-CXA2581N Datasheet
297Kb / 22P
   RF Signal Processor for CD Players
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com