Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA2581 Arkusz danych(PDF) 7 Page - Sony Corporation

Numer części CXA2581
Szczegółowy opis  RF Signal Processor for CD Players
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2581 Arkusz danych(HTML) 7 Page - Sony Corporation

Back Button CXA2581 Datasheet HTML 3Page - Sony Corporation CXA2581 Datasheet HTML 4Page - Sony Corporation CXA2581 Datasheet HTML 5Page - Sony Corporation CXA2581 Datasheet HTML 6Page - Sony Corporation CXA2581 Datasheet HTML 7Page - Sony Corporation CXA2581 Datasheet HTML 8Page - Sony Corporation CXA2581 Datasheet HTML 9Page - Sony Corporation CXA2581 Datasheet HTML 10Page - Sony Corporation CXA2581 Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
– 7 –
CXA2581N
22
VCC
VCC. (AVCC)
Pin
No.
Symbol
I/O
Equivalent circuit
Description
20k
VC
23
100
µA
50
µA
20k
VC
24
20k
VC
25
100
µA
124
1.0V
26
27
150k
150k 25
23
I
RFG
Sets the RFAC low frequency
gain.
24
I
BST
Input for adjusting the
equalizer circuit boost level.
25
I
VFC
Input for adjusting the
equalizer circuit boost
frequency with the control
voltage.
26
I
RFC
Input for adjusting the
equalizer circuit boost
frequency with external
resistance.
27
O
VC
(VCC + GND)/2 voltage
output.


Podobny numer części - CXA2581

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA2586 SONY-CXA2586 Datasheet
91Kb / 8P
   PDIC for CD-ROM/DVD-ROM
CXA2586 SONY-CXA2586 Datasheet
41Kb / 2P
   Ultrahigh-Speed (100 MHz) Photodetector IC
CXA2586M SONY-CXA2586M Datasheet
91Kb / 8P
   PDIC for CD-ROM/DVD-ROM
More results

Podobny opis - CXA2581

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA2647N SONY-CXA2647N Datasheet
268Kb / 23P
   RF Signal Processor for CD Players
logo
Sanyo Semicon Device
LA9210M SANYO-LA9210M Datasheet
284Kb / 14P
   Analog Signal Processor for CD Players
LA9211M SANYO-LA9211M Datasheet
97Kb / 1P
   ASP (Analog Signal Processor) for CD Players
LA9241M SANYO-LA9241M Datasheet
279Kb / 21P
   Analog Signal Processor ASP for CD players
LA9240M SANYO-LA9240M Datasheet
321Kb / 20P
   Analog Signal Processor (ASP) for CD players
LA9242M SANYO-LA9242M Datasheet
150Kb / 20P
   Analog Signal Processor ASP for CD Players
LA9230M SANYO-LA9230M Datasheet
227Kb / 20P
   Analog Signal Processor ASP for CD players
LA9233M SANYO-LA9233M Datasheet
397Kb / 20P
   Analog Signal Processor ASP for CD players?
logo
Sony Corporation
CXA1782CQ SONY-CXA1782CQ Datasheet
763Kb / 31P
   RF Signal Processing Servo Amplifier for CD players
CXA1982Q SONY-CXA1982Q Datasheet
652Kb / 30P
   RF Signal Processing Servo Amplifier for CD players
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com