Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA3003R Arkusz danych(PDF) 8 Page - Sony Corporation

Numer części CXA3003R
Szczegółowy opis  Baseband analog processing IC for dual-mode CDMA/FM cellular phone
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3003R Arkusz danych(HTML) 8 Page - Sony Corporation

Back Button CXA3003R Datasheet HTML 4Page - Sony Corporation CXA3003R Datasheet HTML 5Page - Sony Corporation CXA3003R Datasheet HTML 6Page - Sony Corporation CXA3003R Datasheet HTML 7Page - Sony Corporation CXA3003R Datasheet HTML 8Page - Sony Corporation CXA3003R Datasheet HTML 9Page - Sony Corporation CXA3003R Datasheet HTML 10Page - Sony Corporation CXA3003R Datasheet HTML 11Page - Sony Corporation CXA3003R Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
—8—
CXA3003R
Pin
No.
63
64
65
66
67
68
69
70
71
72
Symbol
RXQFMDT
RXIFMDT
DNC
GND ADC
VDD ADC
QOFFSET
IOFFSET
HKADVCC
NC
Typical
Voltage (V)
DC
AC
0 V
3.3 V
1.5 V
1.5 V
3.3 V
Equivalent circuit
VDD BUF
GND BUF
63
64
69
70
VDD RX
GND RX
30k
142k
22k
100k
150
30k
142k
150
Description
Q serial data output pin for
Receive FM 8bit A/D converter.
I serial data output pin for
Receive FM 8bit A/D converter.
Don't connect any line to this
pins.
Negative power supply pin for
A/D converter block.
Positive power supply pin for
A/D converter block.
Receive Q channel offset
adjust input pin.
Receive I channel offset adjust
input pin.
Positive power supply pin for
HKA/D converter block.
Don't connect pin.


Podobny numer części - CXA3003R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA3001N SONY-CXA3001N Datasheet
254Kb / 12P
   RX Gain Control Amplifier
CXA3002N SONY-CXA3002N Datasheet
234Kb / 12P
   RX Gain Control Amplifier
CXA3008N-1 SONY-CXA3008N-1 Datasheet
225Kb / 12P
   L-BAND DOWN CONVERTER IC
CXA3008N-2 SONY-CXA3008N-2 Datasheet
225Kb / 12P
   L-BAND DOWN CONVERTER IC
More results

Podobny opis - CXA3003R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
CX20529 ETC-CX20529 Datasheet
601Kb / 2P
   CDMA/FM/ GPS BASEBAND ANALOG PROCESSOR
logo
Semtech Corporation
SC905A SEMTECH-SC905A Datasheet
610Kb / 23P
   CDMA Cellular Phone Power Management IC
SC905 SEMTECH-SC905 Datasheet
779Kb / 21P
   CDMA Cellular Phone Power Management IC
logo
Samsung semiconductor
S1M8656A SAMSUNG-S1M8656A Datasheet
264Kb / 26P
   CDMA/AMPS Dual Mode IF/ baseband IC
logo
Texas Instruments
TCM8030 TI1-TCM8030 Datasheet
547Kb / 91P
[Old version datasheet]   Baseband Processor for Analog Cellular Telephones
logo
Skyworks Solutions Inc.
CX20470 SKYWORKS-CX20470 Datasheet
211Kb / 18P
   CDMA Baseband Analog Processor
logo
ANADIGICS, Inc
AWT6105 ANADIGICS-AWT6105 Datasheet
414Kb / 16P
   Cellular Dual Mode AMPS/CDMA
logo
Rohm
BH6941KN ROHM-BH6941KN Datasheet
375Kb / 6P
   LED Driver IC for Cellular Phone
logo
Zarlink Semiconductor I...
PLUTO ZARLINK-PLUTO Datasheet
277Kb / 15P
   Dual Mode CDMA/AMPS Baseband Interface
logo
Mitel Networks Corporat...
PLUTO MITEL-PLUTO Datasheet
139Kb / 15P
   Dual Mode CDMA/AMPS Baseband Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com