Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA3038N Arkusz danych(PDF) 5 Page - Sony Corporation

Numer części CXA3038N
Szczegółowy opis  IQ Detection IC for Digital Satellite Broadcast Tuner
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3038N Arkusz danych(HTML) 5 Page - Sony Corporation

  CXA3038N Datasheet HTML 1Page - Sony Corporation CXA3038N Datasheet HTML 2Page - Sony Corporation CXA3038N Datasheet HTML 3Page - Sony Corporation CXA3038N Datasheet HTML 4Page - Sony Corporation CXA3038N Datasheet HTML 5Page - Sony Corporation CXA3038N Datasheet HTML 6Page - Sony Corporation CXA3038N Datasheet HTML 7Page - Sony Corporation CXA3038N Datasheet HTML 8Page - Sony Corporation CXA3038N Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
—5—
CXA3038N
Pin
Symbol
Typical pin
Equivalent circuit
Description
No.
voltage
18
19
20
21
22
23
24
VC
LPF
DGND
DVCC
REFOUT
LOCK
XTAL
0.3 V to 5 V
1.8 V to 3.7 V
0 V
5 V
4.1 V
0.01 V when
unlocked; 3.2 V
when locked
4.4 V
100
21
18
20
10k
100
21
19
20
21
22
20
21
23
20
200k
21
20
24
60k
20p
20p
Voltage output for varicap diode
making up the VCO.
Phase comparison output.
This pin connects the loop filter.
PLL circuit GND.
PLL circuit VCC.
REFOSC output.
PLL lock/unlock monitor.
Crystal connection.


Podobny numer części - CXA3038N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
CXA3038N ETC2-CXA3038N Datasheet
46Kb / 2P
   A New Age of Unified High-Frequency Analog and Digital Circuits Digital Satellite Broadcast Tuner IC
More results

Podobny opis - CXA3038N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA3685ER SONY-CXA3685ER Datasheet
368Kb / 23P
   Direct Conversion IC for Digital Satellite Broadcast Tuner
logo
Synaptics Incorporated.
CX24113A CONEXANT-CX24113A Datasheet
164Kb / 2P
   Digital Satellite Tuner RF IC
CX24128 CONEXANT-CX24128 Datasheet
1Mb / 2P
   Digital Satellite Dual Tuner RF IC
logo
NXP Semiconductors
CX24109 NXP-CX24109 Datasheet
259Kb / 40P
   Digital Satellite Tuner
Rev. 01-13 November 2008
logo
Synaptics Incorporated.
CX24109 CONEXANT-CX24109 Datasheet
161Kb / 2P
   Digital Satellite Tuner
logo
List of Unclassifed Man...
CXA3108Q ETC2-CXA3108Q Datasheet
46Kb / 2P
   A New Age of Unified High-Frequency Analog and Digital Circuits Digital Satellite Broadcast Tuner IC
logo
Panasonic Semiconductor
MN88413 PANASONIC-MN88413 Datasheet
49Kb / 5P
   Channel Decoder LSI for Digital Satellite Broadcast Reception
logo
NXP Semiconductors
CX24118A NXP-CX24118A Datasheet
506Kb / 46P
   Advanced Modulation Digital Satellite Tuner
Rev. 02-8 September 2009
logo
Maxim Integrated Produc...
MAX2173 MAXIM-MAX2173 Datasheet
121Kb / 2P
   RF to Bits Tuner for Digital Audio Broadcast
logo
Toshiba Semiconductor
TA1322FN TOSHIBA-TA1322FN Datasheet
215Kb / 21P
   DOWB-CONVERTER IC WITH PLL FOR SATELLITE TUNER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com