Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC75810T Arkusz danych(PDF) 1 Page - Sanyo Semicon Device

Numer części LC75810T
Szczegółowy opis  1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75810T Arkusz danych(HTML) 1 Page - Sanyo Semicon Device

  LC75810T Datasheet HTML 1Page - Sanyo Semicon Device LC75810T Datasheet HTML 2Page - Sanyo Semicon Device LC75810T Datasheet HTML 3Page - Sanyo Semicon Device LC75810T Datasheet HTML 4Page - Sanyo Semicon Device LC75810T Datasheet HTML 5Page - Sanyo Semicon Device LC75810T Datasheet HTML 6Page - Sanyo Semicon Device LC75810T Datasheet HTML 7Page - Sanyo Semicon Device LC75810T Datasheet HTML 8Page - Sanyo Semicon Device LC75810T Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
N2206 / 32902RM(OT)No.7141-1/54
• CCB is a trademark of SANYO ELECTRIC CO., LTD.
• CCB is SANYO’s original bus format and all the bus
addresses are controlled by SANYO.
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before using any SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.
LC75810E
LC75810T
Overview
The LC75810E and LC75810T are 1/8 to 1/10 duty dot
matrix LCD display controllers/drivers that support the
display of characters, numbers, and symbols. In addition to
generating dot matrix LCD drive signals based on data
transferred serially from a microcontroller, the LC75810E
and LC75810T also provide on-chip character display
ROM and RAM to allow display systems to be
implemented easily.
Features
Controls and drives a 5
× 7, 5 × 8, or 5 × 9 dot matrix
LCD.
Supports accessory display segment drive
(up to 80 segments)
Display technique:
1/8-duty, 1/4-bias drive (5
× 7 dots, 6 × 7 dots)
1/9-duty, 1/4-bias drive (5
× 8 dots, 6 × 8 dots)
1/10-duty, 1/4-bias drive (5
× 9 dots, 6 × 9 dots)
Display digits:
16 digits
× 1 line (5 × 7 dots),
15 digits × 1 line (5
× 8 or 5 × 9 dots)
13 digits
× 1 line (6 × 7, 6 × 8, or 6 × 9 dots)
Display control memory
CGROM: 240 characters (5
× 7, 5 × 8, or 5 × 9 dots)
CGRAM: 16 characters (5
× 7, 5 × 8, or 5 × 9 dots)
DCRAM: 64
× 8 bits
ALATCH: 80 bits
Instruction function
Display on/off control
Smooth up, down, left, and right scrolling of the display
Provides a backup function based on power saving mode
The frame frequency of the common and segment output
waveforms can be controlled by instructions.
Built-in display contrast adjustment circuit
Serial data input supports CCB format communication
with the system controller
Independent LCD driver block power supply VLCD
Provides a RES pin for IC internal initialization.
RC oscillator circuit
CMOS IC
1/8 to 1/10 Duty Dot Matrix LCD
Display Controllers/Drivers
Ordering number : ENN*7141


Podobny numer części - LC75810T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LC75810T ONSEMI-LC75810T Datasheet
1Mb / 54P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
LC75810T-8725-E ONSEMI-LC75810T-8725-E Datasheet
1Mb / 54P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
More results

Podobny opis - LC75810T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LC75818PT ONSEMI-LC75818PT Datasheet
452Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
LC75810T-8725-E ONSEMI-LC75810T-8725-E Datasheet
1Mb / 54P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
LC75812PT ONSEMI-LC75812PT Datasheet
551Kb / 54P
   1/8, 1/9 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
logo
Sanyo Semicon Device
LC75816E SANYO-LC75816E Datasheet
572Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75817NE SANYO-LC75817NE Datasheet
496Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75818PT SANYO-LC75818PT Datasheet
464Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75811E SANYO-LC75811E Datasheet
626Kb / 27P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controller/Driver
LC75812PT SANYO-LC75812PT Datasheet
438Kb / 54P
   1/8, 1/9 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
logo
ON Semiconductor
LC450210PCH ONSEMI-LC450210PCH Datasheet
453Kb / 53P
   Duty Dot Matrix LCD Display Controllers
May, 2014
ENA1417 ONSEMI-ENA1417 Datasheet
551Kb / 54P
   Duty Dot Matrix LCD Display Controllers
July, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com