Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA3050M Arkusz danych(PDF) 4 Page - Sony Corporation

Numer części CXA3050M
Szczegółowy opis  NICAM and SMATV RF MODULATOR/PLL
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3050M Arkusz danych(HTML) 4 Page - Sony Corporation

  CXA3050M Datasheet HTML 1Page - Sony Corporation CXA3050M Datasheet HTML 2Page - Sony Corporation CXA3050M Datasheet HTML 3Page - Sony Corporation CXA3050M Datasheet HTML 4Page - Sony Corporation CXA3050M Datasheet HTML 5Page - Sony Corporation CXA3050M Datasheet HTML 6Page - Sony Corporation CXA3050M Datasheet HTML 7Page - Sony Corporation CXA3050M Datasheet HTML 8Page - Sony Corporation CXA3050M Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
– 4 –
CXA3050M
I2C Interface Data Format
Modulator Address
Data 1
Data 2
Data 3
Data 4
1100100
R/W
ask
PD
M12
M4
X
ADJ1
M11
M3
NIC
ADJ0
M10
M2
FM2
S1
M9
M1
FM1
S0
M8
M0
FM0
over
mod
M7
MD2
PS2
X
M6
MD1
PS1
X
M5
MD0
PS0
ask
ask
ask
ask
Sound Carrier Course Adjust
S1
S0
Sound Carrier
Frequency
TV System
(Pre-emphasis)
0
0
1
1
0
1
0
1
4.5MHz
5.5MHz
6.0MHz
6.5MHz
NTSC
PAL
PAL
PAL
Sound Carrier Fine Adjust
ADJ1
ADJ0
df Adjust
on chip
capacitance
0
0
1
1
0
1
0
1
–f
Normal
+f
+f
6.4pF
3.2pF
1.6pF
0
PD
RF Power on (RF Amp & OSC)
1 bit
OVM
Over Modulation Test
1 bit
M12–MO
Main divider control data
13 bits
S1–S0
Sound carrier frequency selection
2 bits
ADJ1–ADJ0
Sound carrier frequency adjust (0 to 6.4RF)
2 bits
MD2–MD0
Modulation Depth
3 bits
PS2–PS0
Picture/Sound control
3 bits
FM
FM deviation adjust
3 bits
NIC
Nicam Enable
1 bit
M12
MO
Main UHF PLL Divider
MSB
LSB
8191 to 2
Video Carrier frequency calculated from = 125 (M + 2) kHz


Podobny numer części - CXA3050M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cree, Inc
CXA3050 CREE-CXA3050 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3050-0000-000N00V40E8 CREE-CXA3050-0000-000N00V40E8 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3050-0000-000N00V427F CREE-CXA3050-0000-000N00V427F Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3050-0000-000N00V427H CREE-CXA3050-0000-000N00V427H Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3050-0000-000N00W20E6 CREE-CXA3050-0000-000N00W20E6 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die integrated arrays
More results

Podobny opis - CXA3050M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA1929M SONY-CXA1929M Datasheet
326Kb / 18P
   TV RF MODULATOR/PLL
logo
Texas Instruments
TRF3722 TI1-TRF3722 Datasheet
2Mb / 67P
[Old version datasheet]   Quadrature Modulator with Integrated PLL and VCO
logo
Infineon Technologies A...
TDA6060XS INFINEON-TDA6060XS Datasheet
831Kb / 28P
   Video-Modulator with PLL
logo
Texas Instruments
TRF3722 TI-TRF3722_15 Datasheet
2Mb / 67P
[Old version datasheet]   TRF3722 Quadrature Modulator with Integrated PLL and VCO
logo
List of Unclassifed Man...
CXA1122AM ETC1-CXA1122AM Datasheet
39Kb / 1P
   RF MODULATOR
CXA8044Q ETC1-CXA8044Q Datasheet
37Kb / 2P
   BALANCED MODULATOR AND RF ENVELOPE DETECTOR
logo
Texas Instruments
TRF372017 TI1-TRF372017_16 Datasheet
1Mb / 60P
[Old version datasheet]   Integrated IQ Modulator PLL/VCO
TRF372017 TI1-TRF372017 Datasheet
2Mb / 62P
[Old version datasheet]   Integrated IQ Modulator PLL/VCO
logo
Panasonic Semiconductor
AN3117S PANASONIC-AN3117S Datasheet
71Kb / 7P
   RF modulator IC for VCR and VDP
logo
Sony Corporation
CXA1122AP SONY-CXA1122AP Datasheet
736Kb / 7P
   VTR RF Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com