Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA3067 Arkusz danych(PDF) 7 Page - Sony Corporation

Numer części CXA3067
Szczegółowy opis  Wide Band FSK Receiver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3067 Arkusz danych(HTML) 7 Page - Sony Corporation

Back Button CXA3067 Datasheet HTML 3Page - Sony Corporation CXA3067 Datasheet HTML 4Page - Sony Corporation CXA3067 Datasheet HTML 5Page - Sony Corporation CXA3067 Datasheet HTML 6Page - Sony Corporation CXA3067 Datasheet HTML 7Page - Sony Corporation CXA3067 Datasheet HTML 8Page - Sony Corporation CXA3067 Datasheet HTML 9Page - Sony Corporation CXA3067 Datasheet HTML 10Page - Sony Corporation CXA3067 Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
—7—
CXA3067M
Electrical Characteristics
See Electrical Characteristics Test Circuit (VCC=5.0 V, Ta=+25 °C)
Item
Symbol
Pin No.
Circuit
Conditions
Min.
Typ.
Max.
Unit
No.
RFVCC
Current consumption
IFVCC
Current consumption
DVCC
Current consumption
Input sensitivity 1
Input sensitivity 2
Input level
Local OSC leakage
from RF input 1
Local OSC leakage
from RF input 2
RFamp bias current
RFamp voltage gain 1
RFamp voltage gain 2
RFamp voltage gain 3
RFamp input resistance
RFamp input capacitance
Mixer input resistance
Mixer input capacitance
Mixer voltage gain
RFamp+Mixer noise figure
RFICC
IFICC
DICC
Vi1
Vi2
Vil
LOleak1
LOleak2
Irf
Grf1
Grf2
Grf3
r
π (rf)
C
π (rf)
r
π (mix)
C
π (mix)
Gmix
NF
rfmix
26, 27
21
11
24
24
27
24
→27
24
→27
24
→27
24
24
27
27
27
→10
24
→10
RFVCC
V1=5 V
IFVCC
V2=5 V
DVCC
V4=1 V
V3=5 V
Measurement on RFIN pin
SW1 : ON
RF=53.35 M to 169.5 MHz
Measurement on RFIN pin
SW1 : ON
RF=221.95 M to 302 MHz
RFVCC
V1=5 V
RF=53.35 M to 169.5 MHz
RF=221.95 M to 229.8 MHz
RF=302 MHz
I=4.8 mA, RF=100 MHz
Load Resistance=510
l=4.8 mA, RF=100 MHz
Load Resistance=510
RF=100 MHz
RF=100 MHz
RF=108.5 MHz
IF=10.7 MHz
RF=108.5 MHz
IF=10.7 MHz
1
fMOD=10 kHz, fDEV=±75 kHz
Jitter is 1 % for fMOD
50
Ω Termination
RF=53.35 M to 169.5 MHz
fMOD=10 kHz, fDEV=±75 kHz
Jitter is 1 % for fMOD
50
Ω Termination
RF=221.95 M to 302 MHz
fMOD=10 kHz, fDEV=±75 kHz
Jitter is 1 % for fMOD
50
Ω Termination
RF=53.35 M to 302 MHz
14
24
34
mA
3
6.7
10
mA
3.5
7
10
mA
–32
dBmV
–25
dBmV
+10
dBmV
–10
dBmV
+5
dBmV
3
4.8
7
mA
24
30
34
dB
22
25
28
dB
16
19
22
dB
670
4.7
pF
1.7
k
5.7
pF
9
13
17
dB
7
dB
Note)
0 dBmV=1 mV, 0 dBµV=1 µV
1) Noise figure is uncorrected for image.
0 dBmV=60 dBµV
0 dBm=47 dBmV
1
1
1
2
2
2
2
2
1
3
3
3
4
5


Podobny numer części - CXA3067

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA3067AM SONY-CXA3067AM Datasheet
415Kb / 24P
   Wide Band FSK Receiver
More results

Podobny opis - CXA3067

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA3067AM SONY-CXA3067AM Datasheet
415Kb / 24P
   Wide Band FSK Receiver
logo
Analog Devices
ADF7902BRUZ AD-ADF7902BRUZ Datasheet
447Kb / 12P
   ISM Band FSK Receiver IC
REV. 0
logo
List of Unclassifed Man...
RFM01 ETC2-RFM01 Datasheet
537Kb / 31P
   Universal ISM Band FSK Receiver
logo
Princeton Technology Co...
PT4330 PTC-PT4330 Datasheet
180Kb / 6P
   Low Power ISM Band FM/FSK Receiver
logo
List of Unclassifed Man...
SSRX3930 ETC-SSRX3930 Datasheet
142Kb / 7P
   LOW POWER ISM BAND FM/FSK RECEIVER IC
RX3930 ETC-RX3930 Datasheet
126Kb / 8P
   Low Power ISM-band FM/FSK Receiver IC
logo
Sanyo Semicon Device
LA7775M SANYO-LA7775M Datasheet
74Kb / 5P
   Wideband FSK Receiver
logo
List of Unclassifed Man...
RRF1-XXX-Y ETC2-RRF1-XXX-Y Datasheet
25Kb / 2P
   FSK Superhet Receiver
logo
LANSDALE Semiconductor ...
ML3356 LANSDALE-ML3356_08 Datasheet
276Kb / 9P
   Wideband FSK Receiver
logo
Motorola, Inc
MC3356 MOTOROLA-MC3356_1 Datasheet
211Kb / 8P
   Wideband FSK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com