Zakładka z wyszukiwarką danych komponentów |
|
CXA1507-0000-000N00G235F Arkusz danych(PDF) 1 Page - Cree, Inc |
|
CXA1507-0000-000N00G235F Arkusz danych(HTML) 1 Page - Cree, Inc |
1 / 15 page Product family data sheet Copyright © 2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered trademarks of Cree, Inc. Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 cree ® Xlamp® cXa1507 led Product descriPtion The XLamp CXA1507 LeD array expands Cree’s family of high- flux, multi-die arrays in a smaller, easy-to-use platform. with XLamp lighting-class reliability, the CXA1507’s small, uniform emitting surface enables both directional and non-directional lighting applications including lamp retrofit and luminaire designs. Available in 2-step and 4-step color consistency, and featuring a 9-mm optical source, the CXA1507 brings new levels of flux and efficacy to this form factor. features • Available in ANSI white bins as well as 4-step and 2-step easywhite bins at 2700K, 3000K, 3500K, 4000K and 5000K CCT • 80 and 90 minimum CRI options • Forward voltage: 37 v • 85 °C binning and characterization • maximum drive current: 375 mA • 115° viewing angle, uniform chromaticity profile • Top-side solder connections • Thermocouple attach point • NEMA SSL-3 2011 standard flux bins • RoHS- and ReACh-compliant • UL-recognized component (e349212) table of contents Characteristics .............................. 2 Flux Characteristics, Standard order Codes and Bins ............................. 2 Flux Characteristics, Standard order Codes and Bins, 90 CRI .................. 4 Flux Characteristics, Standard order Codes and Bins, 80 CRI .................. 5 Relative Spectral power Distribution . 6 Relative Luminous Flux vs. Junction Temperature ................................. 6 electrical Characteristics................. 7 Relative Luminous Flux vs. Current .. 7 Relative Chromaticity vs. Current and Temperature ................................. 8 Typical Spatial Distribution.............. 9 performance Groups - Brightness .... 9 performance Groups - Chromaticity.10 Cree easywhite Bins plotted on the 1931 CIe Color Space ...................11 Cree ANSI white Bins plotted on the 1931 CIe Color Space ...................12 Bin and order Code Formats ..........13 mechanical Dimensions..................13 Notes..........................................14 packaging....................................15 |
Podobny numer części - CXA1507-0000-000N00G235F |
|
Podobny opis - CXA1507-0000-000N00G235F |