Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA3107N Arkusz danych(PDF) 6 Page - Sony Corporation

Numer części CXA3107N
Szczegółowy opis  IF Amplifier for M-ary FSK Pagers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3107N Arkusz danych(HTML) 6 Page - Sony Corporation

Back Button CXA3107N Datasheet HTML 2Page - Sony Corporation CXA3107N Datasheet HTML 3Page - Sony Corporation CXA3107N Datasheet HTML 4Page - Sony Corporation CXA3107N Datasheet HTML 5Page - Sony Corporation CXA3107N Datasheet HTML 6Page - Sony Corporation CXA3107N Datasheet HTML 7Page - Sony Corporation CXA3107N Datasheet HTML 8Page - Sony Corporation CXA3107N Datasheet HTML 9Page - Sony Corporation CXA3107N Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
—6—
CXA3107N
Electrical Characteristics
(VCC=1.4 V, Ta=25 °C, FS=455 kHz, FMOD=1.6 kHz, FDEV=4.8 kHz, AMMOD=30 %)
Item
Current consumption
Current consumption
AM rejection ratio
NRZ output saturation voltage
NRZ output leak current
NRZ hysteresis width
VB output current
VB output saturation current
REG OUT voltage
LVA operating voltage
LVA output leak current
LVA output saturation voltage
Detector output voltage
Logic input voltage high level
Logic input voltage low level
Limiting sensitivity
Detector output level ratio deviation
to level comparator window width
Level comparator output saturation
voltage
Level comparator output leak current
RSSI output offset
IF limiter input resistance
Symbol
ICC
ICCS
AMRR
VSATNRZ
ILNRZ
VTWNRZ
IOUT
VSATVB
VREG
VLVA
ILLVA
VSATLVA
VODET
VTHBSV
VTLBSV
VIN (LIM)
VLCWR
VSATLC
ILLC
VORSSI
RINLIM
Conditions
Measurement circuit 1
V2=1.0 V
Measurement circuit 1
V2=0 V
Measurement circuit 2
30 k LPF
Measurement circuit 4
Vin=0.3 V
Measurement circuit 3
Vin=0.1 V
Measurement circuit 3
Vin=0.1 to 0.3 V
Measurement circuit 5
Measurement circuit 5
Output current
0 µA
Measurement circuit 6
V1=1.4 to 1.0 V
Measurement circuit 6
1=1.0 V
Measurement circuit 7
Measurement circuit 2
Measurement circuit 2,
data filter fc=2.4 kHz
Measurement circuit 9
Measurement circuit 8
Measurement circuit 10
Min.
Typ.
Max.
Unit
390
570
780
µA
6
20
µA
25
dB
0.4
V
5.0
µA
5
10
20
mV
100
µA
0.4
V
0.92
0.96
1.02
V
1.00
1.05
1.10
V
5.0
µA
0.4
V
50
63
80
mVrms
0.9
V
0.35
V
–83
dBm
–15
0
+15
%
0.4
V
5.0
µA
100
250
mV
1.2
1.5
1.8
k


Podobny numer części - CXA3107N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA3106AQ SONY-CXA3106AQ Datasheet
800Kb / 54P
   PLL IC for LCD Monitor/Projector
CXA3106Q SONY-CXA3106Q Datasheet
962Kb / 50P
   PLL IC for LCD Monitor/Projector
CXA3108AQ SONY-CXA3108AQ Datasheet
257Kb / 19P
   L-band Down Converter IC with On-Chip PLL
logo
List of Unclassifed Man...
CXA3108Q ETC2-CXA3108Q Datasheet
46Kb / 2P
   A New Age of Unified High-Frequency Analog and Digital Circuits Digital Satellite Broadcast Tuner IC
More results

Podobny opis - CXA3107N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA1999N SONY-CXA1999N Datasheet
303Kb / 19P
   IF Amplifier for M-ary FSK Pagers
CXA3117AN SONY-CXA3117AN Datasheet
394Kb / 30P
   IF Amplifier for M-ary FSK Pagers
CXA3117N SONY-CXA3117N Datasheet
397Kb / 30P
   IF Amplifier for M-ary FSK Pagers
CXA3099N SONY-CXA3099N Datasheet
261Kb / 15P
   IF Amplifier for M-ary FSK Pagers
CXA3179N SONY-CXA3179N Datasheet
374Kb / 27P
   IF Amplifier for M-ary FSK Pagers (AFC Supported)
CXA1994AM SONY-CXA1994AM Datasheet
119Kb / 8P
   M-ary FSK Demodulating Comparator
logo
New Japan Radio
NJM2537 NJRC-NJM2537_1 Datasheet
228Kb / 10P
   FM IF IC FOR PAGERS
NJM2537 NJRC-NJM2537 Datasheet
321Kb / 10P
   FM IF IC FOR PAGERS
logo
Nippon Precision Circui...
SM1125 NPC-SM1125 Datasheet
96Kb / 12P
   Multimelody IC for Pagers
SM1124 NPC-SM1124 Datasheet
92Kb / 10P
   Multimelody IC for Pagers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com