Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA3170AN Arkusz danych(PDF) 11 Page - Sony Corporation

Numer części CXA3170AN
Szczegółowy opis  6ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3170AN Arkusz danych(HTML) 11 Page - Sony Corporation

Back Button CXA3170AN Datasheet HTML 7Page - Sony Corporation CXA3170AN Datasheet HTML 8Page - Sony Corporation CXA3170AN Datasheet HTML 9Page - Sony Corporation CXA3170AN Datasheet HTML 10Page - Sony Corporation CXA3170AN Datasheet HTML 11Page - Sony Corporation CXA3170AN Datasheet HTML 12Page - Sony Corporation CXA3170AN Datasheet HTML 13Page - Sony Corporation CXA3170AN Datasheet HTML 14Page - Sony Corporation CXA3170AN Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
—11—
CXA3170AN
Timing Chart 1
50%
50%
TRW
TWR 2
10%
10%
TWR1
90%
WDX
WDY
IWX
IWY
RDX
RDY
90%
90%
R/W
Fig. 3
Fig. 4
Timing Chart 2
TPD
90%
90%
90%
10%
10%
TR
TF
50%
TSA2
TSA1
50%
WDX
WDY
IWX
IWY
WUS


Podobny numer części - CXA3170AN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA3171N SONY-CXA3171N Datasheet
230Kb / 18P
   4ch. Read/Write Amplifier for three terminal MIG Head of Hard Disk Drive
CXA3174N SONY-CXA3174N Datasheet
158Kb / 10P
   AGC IF for GSM/PCS
CXA3176N SONY-CXA3176N Datasheet
317Kb / 21P
   IF Amplifier for FM Receiver (AFC Supported)
CXA3176N SONY-CXA3176N Datasheet
27Kb / 2P
   Achieving Low Power and High Speed in Paging System IF IC
CXA3179N SONY-CXA3179N Datasheet
374Kb / 27P
   IF Amplifier for M-ary FSK Pagers (AFC Supported)
More results

Podobny opis - CXA3170AN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA3090N SONY-CXA3090N Datasheet
223Kb / 17P
   6ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA1940N SONY-CXA1940N Datasheet
225Kb / 16P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3092N SONY-CXA3092N Datasheet
192Kb / 18P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3188N SONY-CXA3188N Datasheet
209Kb / 16P
   2ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3510N SONY-CXA3510N Datasheet
205Kb / 18P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA1829N SONY-CXA1829N Datasheet
264Kb / 15P
   8ch. Read/Write Amplifier for Thin Film Heads of Hard Disk Drive
CXA3171N SONY-CXA3171N Datasheet
230Kb / 18P
   4ch. Read/Write Amplifier for three terminal MIG Head of Hard Disk Drive
CXA3541N SONY-CXA3541N Datasheet
190Kb / 17P
   2-channel Read/Write Amplifier for GMR-Ind Head Hard Disk Drive
logo
Hitachi Semiconductor
HA166024FP HITACHI-HA166024FP Datasheet
150Kb / 6P
   Read/Write IC for Hard Disk Drive
logo
Sony Corporation
CXA3238TN SONY-CXA3238TN Datasheet
333Kb / 27P
   6/4-channel Read/Write Amplifier for GMR-Ind Head Hard Disk Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com