Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA3197R Arkusz danych(PDF) 2 Page - Sony Corporation

Numer części CXA3197R
Szczegółowy opis  10-bit 125MSPS D/A Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3197R Arkusz danych(HTML) 2 Page - Sony Corporation

  CXA3197R Datasheet HTML 1Page - Sony Corporation CXA3197R Datasheet HTML 2Page - Sony Corporation CXA3197R Datasheet HTML 3Page - Sony Corporation CXA3197R Datasheet HTML 4Page - Sony Corporation CXA3197R Datasheet HTML 5Page - Sony Corporation CXA3197R Datasheet HTML 6Page - Sony Corporation CXA3197R Datasheet HTML 7Page - Sony Corporation CXA3197R Datasheet HTML 8Page - Sony Corporation CXA3197R Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
– 2 –
CXA3197R
Absolute Maximum Ratings (Ta = 25°C)
• Supply voltage
AVCCO, AVCC2, DVCC2
–0.5 to +6.0
V
AGND2, DGND2
–6.0 to +0.5
V
DVCC1
–0.5 to +6.0
V
AVCC2 – AGND2
–0.5 to +6.0
V
AVCCO – AGND2
–0.5 to +6.0
V
DVCC2 – DGND2
–0.5 to +6.0
V
• Input voltage
(Analog)
VSET
AGND2 – 0.5 to AVCC2 + 0.5
V
(Digital)
TTL input pin
DGND1 – 0.5 to DVCC1 + 0.5
V
PECL input pin
DGND1 – 0.5 to DVCC1 + 0.5
V
PS
DGND1 – 0.5 to DVCC1 + 0.5
V
(Others)
VOCLP
DGND1 – 0.5 to DVCC1 + 0.5
V
• Storage temperature
Tstg
– 65 to +150
°C
• Allowable power dissipation
Pd
1.4
W
(when mounted on a two-layer glass fabric base epoxy board with dimensions of 76mm
× 114mm, t = 1.6mm)
Recommended Operating Conditions
[Single power supply]
[Dual power supply]
• Supply voltage
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
AVCCO
+4.75
+5.0
+5.25
–0.05
0.0
+0.05
V
AVCC2
+4.75
+5.0
+5.25
–0.05
0.0
+0.05
V
AGND2
–0.05
0.0
+0.05
–5.50
–5.0
–4.75
V
DVCC1
+4.75
+5.0
+5.25
+4.75
+5.0
+5.25
V
DGND1
–0.05
0.0
+0.05
–0.05
0.0
+0.05
V
DVCC2
+4.75
+5.0
+5.25
–0.05
0.0
+0.05
V
DGND2
–0.05
0.0
+0.05
–5.50
–5.0
–4.75
V
• Input voltage
Min.
Typ.
Max.
Unit
(Analog)
VSET
AGND2 + 0.65
AGND2 + 1.03 V
(Digital)
TTL input pin
VIH
DGND1 + 2.0
V
VIL
DGND1 + 0.8
V
PECL input pin
VIH
DVCC1 – 1.05
DVCC1 – 0.5
V
VIL
DVCC1 – 3.2
DVCC1 – 1.4
V
VID∗1
0.5
0.8
V
(Others)
VOCLP
DGND1 + 2.4
DVCC1
V
• CLK pulse width (for RECL CLK)
tpw1
3.5
ns
tpw0
3.5
ns
• Maximum conversion rate During PECL operation Fc
125
MSPS
During TTL operation
Fc
100
MSPS
• Load resistance
RL
50
50
≥ 10k
• Analog output full-scale voltage
RL
≥ 10kΩ
VFS
1.5
2.0
2.1
V
RL = 50
VFS
0.75
1.0
1.05
V
• Operating temperature
Ta
–20
+75
°C
1 VID: Input Voltage Differential
PECL input signal switching level
VIH
VIL (Min.)
VIH (Max.)
VIL
DVCC1
VID
DGND1


Podobny numer części - CXA3197R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA3199 SONY-CXA3199 Datasheet
161Kb / 11P
   Wideband Pre-amplifier
CXA3199TN SONY-CXA3199TN Datasheet
161Kb / 11P
   Wideband Pre-amplifier
More results

Podobny opis - CXA3197R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
HI5721 INTERSIL-HI5721_03 Datasheet
637Kb / 14P
   10-Bit, 125MSPS, High Speed D/A Converter
logo
List of Unclassifed Man...
KAD5610P ETC2-KAD5610P Datasheet
684Kb / 28P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
logo
Intersil Corporation
KAD5610P-25Q72 INTERSIL-KAD5610P-25Q72 Datasheet
814Kb / 30P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
September 10, 2009
logo
Renesas Technology Corp
KAD5610P RENESAS-KAD5610P Datasheet
1Mb / 30P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
logo
Intersil Corporation
KAD5610P INTERSIL-KAD5610P Datasheet
444Kb / 27P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
KAD5610P_0909 INTERSIL-KAD5610P_0909 Datasheet
813Kb / 30P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
logo
DATEL, Inc.
DAC-1012 DATEL-DAC-1012 Datasheet
1Mb / 12P
   10-Bit, 125MSPS, Low-Power D/A Converters
logo
Intersil Corporation
HI5860 INTERSIL-HI5860 Datasheet
88Kb / 12P
   12-Bit, 125MSPS, CommLinkTM High Speed D/A Converter
logo
List of Unclassifed Man...
KAD5514P ETC2-KAD5514P Datasheet
686Kb / 31P
   14-bit, 250/210/170/125MSPS A/D Converter
logo
Intersil Corporation
KAD5612P_0909 INTERSIL-KAD5612P_0909 Datasheet
598Kb / 29P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com