Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA3197 Arkusz danych(PDF) 9 Page - Sony Corporation

Numer części CXA3197
Szczegółowy opis  10-bit 125MSPS D/A Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3197 Arkusz danych(HTML) 9 Page - Sony Corporation

Back Button CXA3197 Datasheet HTML 5Page - Sony Corporation CXA3197 Datasheet HTML 6Page - Sony Corporation CXA3197 Datasheet HTML 7Page - Sony Corporation CXA3197 Datasheet HTML 8Page - Sony Corporation CXA3197 Datasheet HTML 9Page - Sony Corporation CXA3197 Datasheet HTML 10Page - Sony Corporation CXA3197 Datasheet HTML 11Page - Sony Corporation CXA3197 Datasheet HTML 12Page - Sony Corporation CXA3197 Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
– 9 –
CXA3197R
Resolution
Differential linearity error
Integral linearity error
Digital input (PECL)
Digital input voltage
Digital input current
Digital input capacitance
Digital input (TTL)
Digital input voltage
Threshold voltage
Digital input current
Digital input capacitance
Digital output (TTL)
Digital output voltage
Leak current at high impedance
Digital output rise time
Digital output fall time
PS pin input (PS)
PS pin input voltage
PS pin input current
Clamp pin (VOCLP)
VOCLP pin input current
Analog output characteristics
Output full-scale voltage
: RL
≥ 10kΩ
: RL = 50
Output zero offset voltage
: RL
≥ 10kΩ
: RL = 50
Analog output resistance
Analog output capacitance
Absolute amplitude error
Absolute amplitude error
temperature characteristics
Analog output rise time
Analog output fall time
Settling time
Glitch energy
Compliance voltage
n
DLE
ILE
VIH
VIL
IIH
IIL
VIH
VIL
VTH
IIH
IIL
VOH
VOL
Tr
Tf
VIH
VIL
IIH
IIL
IVOCLP
IVOCLP
VFS
VFS
VOF
VOF
RO
CO
EG
TCG
Tr
Tf
tSET
GE
VOC
VFS = 1000mV
2
VIH = DVCC1 – 0.8V
VIL = DVCC1 – 1.6V
VIH = 3.5V
VIL = 0.2V
IOH = –2.0mA
IOL = 1.0mA
When VO = 5V
When VO = 0V
0.8 to 2.4V (CL = 10pF)
0.8 to 2.4V (CL = 10pF)
VIH = 3.5V
VIL = 0.2V
VOCLP = DVCC1
VOCLP = 2.4V
VSET = AGND2 + 937.5mV
VSET = AGND2 + 937.5mV
VFS = 1000mV at 25°C
When RL = 50
Ω,
VFS = 1V,10 – 90%
Mesured to DVCC2
3
10
DVCC1 – 1.05
DVCC1 – 3.2
0
–30
2
–1
–2
2.4
10
–1
1
0.6
2
1
–1
0
–60
1.5
0.75
0
0
–4.0
0.85
0.75
–2.1
10
1.5
2
1
50
10
10
–0.85/+0.5
–1.2/+0.5
±1.2
DVCC1 – 0.5
DVCC1 – 1.4
20
0
5
0.8
1
0
5
0.5
100
1
1.5
1.2
0.8
100
0
5
–10
2.1
1.05
20
10
4.0
60
1.05
0.85
3.5
5
1.5
bit
LSB
LSB
LSB
V
V
µA
µA
pF
V
V
V
µA
µA
pF
V
V
µA
µA
ns
ns
V
V
µA
µA
µA
µA
V
V
mV
mV
pF
% of F.S.
ppm/°C
ns
ns
ns
pVsec
V
Electrical Characteristics
(DVCC1, DVCC2, AVCC2, AVCCO = +5V, DGND1, DGND2 = 0V, Ta = 25°C)
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
}
}


Podobny numer części - CXA3197

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA3199 SONY-CXA3199 Datasheet
161Kb / 11P
   Wideband Pre-amplifier
CXA3199TN SONY-CXA3199TN Datasheet
161Kb / 11P
   Wideband Pre-amplifier
More results

Podobny opis - CXA3197

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
HI5721 INTERSIL-HI5721_03 Datasheet
637Kb / 14P
   10-Bit, 125MSPS, High Speed D/A Converter
logo
List of Unclassifed Man...
KAD5610P ETC2-KAD5610P Datasheet
684Kb / 28P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
logo
Intersil Corporation
KAD5610P-25Q72 INTERSIL-KAD5610P-25Q72 Datasheet
814Kb / 30P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
September 10, 2009
logo
Renesas Technology Corp
KAD5610P RENESAS-KAD5610P Datasheet
1Mb / 30P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
logo
Intersil Corporation
KAD5610P INTERSIL-KAD5610P Datasheet
444Kb / 27P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
KAD5610P_0909 INTERSIL-KAD5610P_0909 Datasheet
813Kb / 30P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
logo
DATEL, Inc.
DAC-1012 DATEL-DAC-1012 Datasheet
1Mb / 12P
   10-Bit, 125MSPS, Low-Power D/A Converters
logo
Intersil Corporation
HI5860 INTERSIL-HI5860 Datasheet
88Kb / 12P
   12-Bit, 125MSPS, CommLinkTM High Speed D/A Converter
logo
List of Unclassifed Man...
KAD5514P ETC2-KAD5514P Datasheet
686Kb / 31P
   14-bit, 250/210/170/125MSPS A/D Converter
logo
Intersil Corporation
KAD5612P_0909 INTERSIL-KAD5612P_0909 Datasheet
598Kb / 29P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com