Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA3199TN Arkusz danych(PDF) 3 Page - Sony Corporation

Numer części CXA3199TN
Szczegółowy opis  Wideband Pre-amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3199TN Arkusz danych(HTML) 3 Page - Sony Corporation

  CXA3199TN Datasheet HTML 1Page - Sony Corporation CXA3199TN Datasheet HTML 2Page - Sony Corporation CXA3199TN Datasheet HTML 3Page - Sony Corporation CXA3199TN Datasheet HTML 4Page - Sony Corporation CXA3199TN Datasheet HTML 5Page - Sony Corporation CXA3199TN Datasheet HTML 6Page - Sony Corporation CXA3199TN Datasheet HTML 7Page - Sony Corporation CXA3199TN Datasheet HTML 8Page - Sony Corporation CXA3199TN Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
—3—
CXA3199TN
Electrical Characteristics
(Unless otherwise specified, VCC=3.3 V, Ta=25 °C)
Item
Current consumption for read
Current consumption for chip
disenable
Digital input
“Low” input voltage
Digital input
“High” input voltage
Digital input
“Low” input current
Digital input
“High” input current
Read amplifier differential
voltage gain
Frequency band width
(–3 dB)
Input referred noise voltage
Common mode rejection ratio
Supply voltage rejection ratio
Read data output offset voltage
for Read
Chip disenable to read
Differential input capacitance
Differential input resistance
Output resistance
Read data output sink current
Symbol
ICCR
ICCXCE
VIL
VIH
IIL
IIH
AV
BW
EN
CMRR
PSRR
VOFFR
TIR
CIN
RIN
RRD
Isink
Test condition
“H” applied voltage: 3.3 V
“L” applied voltage: 0 V
Input voltage :
1 mVp-p, 300 kHz
Frequency at which AV lower
by 3 dB
Head impedance : 0
Common input voltage :
100 mVp-p, 20 MHz
Ripple voltage :
100 mVp-p, 20 MHz
VOFFR=VRDX–VRDY, A version
RDX or RDY
Min.
Typ.
Max.
Unit.
8.0
13.5
∗19.5
mA
0.3
0.5
0.8
mA
0.8
V
2.0
V
–100
µA
100
µA
300
380
460
V/V
100
145
MHz
0.65
0.8
nV
√ Hz
50
dB
50
dB
–300
300
mV
500
ns
3.0
4.5
pF
0.8
2.1
3.5
k
10.0
20.0
35.0
2.0
3.0
4.1
mA
∗ Guaranteed until Ta=70°C


Podobny numer części - CXA3199TN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA3197 SONY-CXA3197 Datasheet
347Kb / 30P
   10-bit 125MSPS D/A Converter
CXA3197R SONY-CXA3197R Datasheet
347Kb / 30P
   10-bit 125MSPS D/A Converter
More results

Podobny opis - CXA3199TN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA3299TN SONY-CXA3299TN Datasheet
107Kb / 10P
   Wideband Pre-amplifier
logo
NXP Semiconductors
BTS6302U NXP-BTS6302U_V01 Datasheet
849Kb / 19P
   Wideband high linearity pre-driver amplifier
Rev. 11 - 5 September 2022
BTS6302U NXP-BTS6302U Datasheet
841Kb / 19P
   Wideband high linearity pre-driver amplifier
Rev. 10 ??19 October 2021
BTS6201U NXP-BTS6201U Datasheet
846Kb / 15P
   Wideband high linearity pre-driver amplifier
Rev. 4-3 February 2021
BTS6303U NXP-BTS6303U Datasheet
846Kb / 16P
   Wideband high linearity pre-driver amplifier 2.3 GHz - 4.2 GHz
Rev. 5 - 18 October 2022
logo
RFHIC
RFC1G21H4 RFHIC-RFC1G21H4_17 Datasheet
1,000Kb / 5P
   Wideband Amplifier
logo
Mini-Circuits
ZX60-V81-S MINI-ZX60-V81-S Datasheet
314Kb / 4P
   Wideband Amplifier
REV. D
logo
SJM Prewell. All Rights...
PW113 SJM-PW113 Datasheet
248Kb / 4P
   Wideband Amplifier
logo
Mini-Circuits
ZVA-02443HP MINI-ZVA-02443HP Datasheet
403Kb / 4P
   Wideband Amplifier
AVA-183MP-D++ MINI-AVA-183MP-D+ Datasheet
659Kb / 8P
   Wideband Amplifier
REV. OR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com