Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA3199 Arkusz danych(PDF) 1 Page - Sony Corporation

Numer części CXA3199
Szczegółowy opis  Wideband Pre-amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3199 Arkusz danych(HTML) 1 Page - Sony Corporation

  CXA3199 Datasheet HTML 1Page - Sony Corporation CXA3199 Datasheet HTML 2Page - Sony Corporation CXA3199 Datasheet HTML 3Page - Sony Corporation CXA3199 Datasheet HTML 4Page - Sony Corporation CXA3199 Datasheet HTML 5Page - Sony Corporation CXA3199 Datasheet HTML 6Page - Sony Corporation CXA3199 Datasheet HTML 7Page - Sony Corporation CXA3199 Datasheet HTML 8Page - Sony Corporation CXA3199 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
—1—
E98221-TE
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
Absolute Maximum Ratings (Ta=25 °C)
• Supply voltage
VCC
6V
• Operating temperature
Topr
–20 to +70
°C
• Storage temperature
Tstg
–55 to +150
°C
• Allowable power dissipation (on board)
PD
1000
mW
Operating Conditions
Supply voltage
VCC
3.1 to 5.5
V
Description
The CXA3199TN is a wideband Pre-amplifier for
VTR head.
Features
• Operate on single +3.3 V power supply
• Low power consumption
Read : 45 mW
• Ultra small package
• Wideband (–3 dB) : 140 MHz (typ)
• Read amplifier emitter follower output featuring
380 times gain (typ).
• Low input capacitance : 3.0 pF
• Low input noise : 0.65 nV /
√ Hz
• Read data outputs are high impedance in Power
Saving Mode
Structure
Bipolar silicon monolithic IC
Wideband Pre-amplifier
10 pin TSSOP (Plastic)
CXA3199TN
Block Diagram and Pin Configuration
NC
HX
HY
GND
VCC
RDY
RDX
CE
XCE
GND
AMP
1
2
3
4
5
10
9
8
7
6


Podobny numer części - CXA3199

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA3197 SONY-CXA3197 Datasheet
347Kb / 30P
   10-bit 125MSPS D/A Converter
CXA3197R SONY-CXA3197R Datasheet
347Kb / 30P
   10-bit 125MSPS D/A Converter
More results

Podobny opis - CXA3199

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA3299TN SONY-CXA3299TN Datasheet
107Kb / 10P
   Wideband Pre-amplifier
logo
NXP Semiconductors
BTS6302U NXP-BTS6302U_V01 Datasheet
849Kb / 19P
   Wideband high linearity pre-driver amplifier
Rev. 11 - 5 September 2022
BTS6302U NXP-BTS6302U Datasheet
841Kb / 19P
   Wideband high linearity pre-driver amplifier
Rev. 10 ??19 October 2021
BTS6201U NXP-BTS6201U Datasheet
846Kb / 15P
   Wideband high linearity pre-driver amplifier
Rev. 4-3 February 2021
BTS6303U NXP-BTS6303U Datasheet
846Kb / 16P
   Wideband high linearity pre-driver amplifier 2.3 GHz - 4.2 GHz
Rev. 5 - 18 October 2022
logo
RFHIC
RFC1G21H4 RFHIC-RFC1G21H4_17 Datasheet
1,000Kb / 5P
   Wideband Amplifier
logo
Mini-Circuits
ZX60-V81-S MINI-ZX60-V81-S Datasheet
314Kb / 4P
   Wideband Amplifier
REV. D
logo
SJM Prewell. All Rights...
PW113 SJM-PW113 Datasheet
248Kb / 4P
   Wideband Amplifier
logo
Mini-Circuits
ZVA-02443HP MINI-ZVA-02443HP Datasheet
403Kb / 4P
   Wideband Amplifier
AVA-183MP-D++ MINI-AVA-183MP-D+ Datasheet
659Kb / 8P
   Wideband Amplifier
REV. OR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com