Zakładka z wyszukiwarką danych komponentów |
|
CXA3218N Arkusz danych(PDF) 1 Page - Sony Corporation |
|
CXA3218N Arkusz danych(HTML) 1 Page - Sony Corporation |
1 / 16 page —1— E98X25-TE Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits. Absolute Maximum Ratings (Ta=25 °C) • Supply voltage VCC –0.3 to 7.0 V • Storage temperature Tstg –55 to +150 °C • Allowable power dissipation PD 1000 mW Operating Conditions • Supply voltage VCC 4.50 to 5.50 V • Operating temperature Topr –35 to +85 °C Description The CXA3218N is the video signal demodulation IC for satellite broadcasting. This IC has most of the functions required for demodulation, and provides stable video detection in combination with the CXA3108Q (L-band down converter with PLL). Features • Built-in IF AGC • Excellent DG/DP characteristics • Keyed AFT input pin to support MUSE reception • 1st AGC control output pin • Single 5 V power supply operation Applications PAL/NTSC system BS tuners, etc. Structure Bipolar silicon monolithic IC FM Demodulator for BS/CS 30P pin SSOP (Plastic) CXA3218N |
Podobny numer części - CXA3218N |
|
Podobny opis - CXA3218N |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |