Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA3221AN Arkusz danych(PDF) 1 Page - Sony Corporation

Numer części CXA3221AN
Szczegółowy opis  RX Gain Control Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3221AN Arkusz danych(HTML) 1 Page - Sony Corporation

  CXA3221AN Datasheet HTML 1Page - Sony Corporation CXA3221AN Datasheet HTML 2Page - Sony Corporation CXA3221AN Datasheet HTML 3Page - Sony Corporation CXA3221AN Datasheet HTML 4Page - Sony Corporation CXA3221AN Datasheet HTML 5Page - Sony Corporation CXA3221AN Datasheet HTML 6Page - Sony Corporation CXA3221AN Datasheet HTML 7Page - Sony Corporation CXA3221AN Datasheet HTML 8Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
RX Gain Control Amplifier
Description
CXA3221AN is an RX gain control amplifier suitable
for CDMA cellular/PCS phone.
Features
• Wide gain control range
• Linear gain slope
• Wideband operation (50MHz to 300MHz)
• Very small package (8 Pin SSOP)
• Low voltage operation
• Power save function included
Absolute Maximum Ratings
• Supply voltage
VCC
6V
• Operating temperature
Topr –55 to +125 °C
• Storage temperature
Tstg –65 to +150 °C
• Supply voltage range
–0.3 to 6
V
• Logic input voltage
–0.3 to VCC + 0.3 V
• Signal input voltage
–0.3 to VCC + 0.3 V
• Differential signal input voltage
0 to 2.5
V
Operating Condition
Supply voltage
VCC
2.7 to 3.8
V
Applications
CDMA cellular/PCS phone
Structure
Bipolar silicon monolithic IC
– 1 –
E98910A8Y
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
CXA3221AN
8 pin SSOP (Plastic)


Podobny numer części - CXA3221AN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA3221N SONY-CXA3221N Datasheet
151Kb / 8P
   RX Gain Control Amplifier
More results

Podobny opis - CXA3221AN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA3001N SONY-CXA3001N Datasheet
254Kb / 12P
   RX Gain Control Amplifier
CXA3002N SONY-CXA3002N Datasheet
234Kb / 12P
   RX Gain Control Amplifier
CXA3221N SONY-CXA3221N Datasheet
151Kb / 8P
   RX Gain Control Amplifier
CXA3201N SONY-CXA3201N Datasheet
189Kb / 10P
   RX Gain Control Amplifier
CXA3201AN SONY-CXA3201AN Datasheet
154Kb / 10P
   RX Gain Control Amplifier
CXA3202N SONY-CXA3202N Datasheet
163Kb / 10P
   TX Gain Control Amplifier
CXA3222N SONY-CXA3222N Datasheet
149Kb / 8P
   TX Gain Control Amplifier
CXA3222AN SONY-CXA3222AN Datasheet
126Kb / 8P
   TX Gain Control Amplifier
CXA3202AN SONY-CXA3202AN Datasheet
135Kb / 10P
   TX Gain Control Amplifier
logo
Toshiba Semiconductor
TA4018F TOSHIBA-TA4018F_07 Datasheet
611Kb / 8P
   VHF Gain Control Amplifier Application
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com